Electronic Components Datasheet Search
  English  ▼

X  

UPD64084 Datasheet(PDF) 21 Page - NEC

Part # UPD64084
Description  THREE-DIMENSIONAL Y/C SEPARATION LSI WITH ON-CHIP MEMORY
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64084 Datasheet(HTML) 21 Page - NEC

Back Button UPD64084 Datasheet HTML 17Page - NEC UPD64084 Datasheet HTML 18Page - NEC UPD64084 Datasheet HTML 19Page - NEC UPD64084 Datasheet HTML 20Page - NEC UPD64084 Datasheet HTML 21Page - NEC UPD64084 Datasheet HTML 22Page - NEC UPD64084 Datasheet HTML 23Page - NEC UPD64084 Datasheet HTML 24Page - NEC UPD64084 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
µµµµ PD64084
21
Data Sheet S16021EJ2V0DS
7.
YNR/CNR BLOCK
This block performs frame recursive YNR and CNR. It is used in the YCS+ mode.
Figure 7-1. YNR/CNR Block Diagram
∆Y
∆C
Frame
Memory
Y signal input
C signal input
Y signal output
C signal output
CNR
nonlinear
filter
YNR
nonlinear
filter
Killer signal detected
Current C
Current Y
Substraction of noise component
Previous frame Y
Previous frame C
YNR/CNR stop signal
Frame
difference
Frame
difference
∆Y'
∆C'
Noise
component
Noise
component
Delay
Delay
Demodulation
Modulation
1H
+α
526H
1H
+α
526H
LINE
KIL
H
H
YNRINV
YNRLIM
YNRK
CNRINV
CNRLIM
CNRK
Nonstandard
signal detection
Killer detection
7.1
YNR/CNR Processing
The frame difference (
∆Y) signal is generated by subtracting the previous frame Y signal from the current frame Y
signal. The noise component
∆Y' signal is extracted by eliminating the motion component of the ∆Y signal at the
nonlinear filter. Noise components are reduced by subtracting the noise component
∆Y' signal from the current frame Y
signal. At the same time, the Y signal submitted to noise reduction is delayed by a frame to be used to generate
∆Y for
the next frame. This way the frame recursive YNR is configured. Much the same processing is performed for the C
signal to reduce noise components.
7.2
Nonlinear Filter
The
∆Y' and ∆C' noise components are extracted from ∆Y and ∆C. ∆Y and ∆C contain inter-frame motion
components and noise components. Subtracting
∆Y and ∆C from the current frame Y and C signals causes inter-frame
motion components to remain in the output picture. To solve this problem, a nonlinear filter that passes only low-
amplitude signals is used; generally, motion components have a large amplitude, while noise components have a small
amplitude. How nonlinear the filter is to be is specified using YNRK, YNRLIM, YNRINV, CNRK, CNRLIM, and CNRINV
on the serial bus.
7.3
YNR/CNR Operation Stop
If the nonstandard signal detection circuit detects a vertical nonstandard signal or frame sync nonstandard signal, or
the LINE pin is at a high level, the killer detection circuit detects a color killer signal, or the KIL pin is at a high level,
YNR and CNR operations are stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com