Electronic Components Datasheet Search
  English  ▼

X  

UPD64084 Datasheet(PDF) 39 Page - NEC

Part # UPD64084
Description  THREE-DIMENSIONAL Y/C SEPARATION LSI WITH ON-CHIP MEMORY
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64084 Datasheet(HTML) 39 Page - NEC

Back Button UPD64084 Datasheet HTML 35Page - NEC UPD64084 Datasheet HTML 36Page - NEC UPD64084 Datasheet HTML 37Page - NEC UPD64084 Datasheet HTML 38Page - NEC UPD64084 Datasheet HTML 39Page - NEC UPD64084 Datasheet HTML 40Page - NEC UPD64084 Datasheet HTML 41Page - NEC UPD64084 Datasheet HTML 42Page - NEC UPD64084 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
µµµµ PD64084
39
Data Sheet S16021EJ2V0DS
15.4 Serial Bus Registers
The
µ PD64084 incorporates twenty-four 8-bit write registers and seven 8-bit read registers. Writing to the write
registers is possible in the write mode (with a slave in reception mode), while reading from the read registers is possible
in the read mode (with a slave in transmission mode). The following table lists how each serial bus register is mapped.
(1) Write register mapping
Slave address: 10111000b = B8h (SLA0 = L), 10111010b = BAh (SLA0 = H)
Data Map (SA00-SA17)
SA
D7
D6
D5
D4
D3
D2
D1
D0
00
0
NRMD
0
1
COUTS
YAPS
01
CLKS
NSDS
MSS
KILS
02
DYCOS
EXADINS
MFREEZE
PECS
EXCSS
03
0
CPP
HDP
CDL
04
DYCOR
DYGAIN
05
DCCOR
DCGAIN
06
YNRK
YNRINV
YNRLIM
CNRK
CNRINV
CNRLIM
07
ID1ON
ID1W0A1
ID1W0A2
CLK8OFF
ST1S
ST0S
08
WSC
VTRH
VTRR
LDSR
09
WSS
ID1DECON
TH
FELCHK
TT
VFLTH
0A
VAPGAIN
VAPINV
0B
0
0
YPFT
YPFG
0C
V1PSEL
VEGSEL
CC3N
C0HS
CLPH
SELD2FH
0D
00
SELD1FL
0
010
1
0E
0000
100
0
0F
0100
010
0
10
YHCOR
YHCGAIN
ED2OFF
OVST
CSHDT
KCTT
11
SHT0
SHT1
VCT
OTT
CLKG2D
CLKGGT
CLKGEB
CLKGT
12
HPLLFS
BPLLFS
FSCFG
PLLFG
KILR
13
HSSL
VSSL
14
BGPS
BGPW
15
ADCLKS
ADPDS
NSDSW
NRZOFF
FSCOFF
VTVH
16
SYSPDS
EXTDYCO
HIZEN
VLSEL
VLTYPE
0
0
17
CNROFS
HCNTFSYN
ADCLPFSW
ADCLPSTP
0
0
0
0
Caution
It may be necessary to change set values on the serial bus depending on the results of
performance evaluation conducted by NEC Electronics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com