Electronic Components Datasheet Search
  English  ▼

X  

BMA140 Datasheet(PDF) 14 Page - Bosch Sensortec GmbH

Part # BMA140
Description  Triaxial, analog acceleration sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA140 Datasheet(HTML) 14 Page - Bosch Sensortec GmbH

Back Button BMA140 Datasheet HTML 10Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 11Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 12Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 13Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 14Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 15Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 16Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 17Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 18Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
BMA140
Data sheet
Triaxial, analog acceleration sensor
Bosch Sensortec
Rev. 1.1
Page 14
04 April 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4.7
Pin configuration (top view)
Pin
Name
Digital
Analog
Description
01
VDD1
A in
Supply Voltage Connection Pin 1
02
VDD2
A in
Supply Voltage Connection Pin 2
03
GND1
A
Ground Connection Pin 1
04
GND2
A
Ground Connection Pin 2
05
ST
D in
Self Test Activation Pin
06
SEL.1
D in
Channel Multiplexer Selection Pin 2
1)
,
07
TEST
D in/out
Do not connect! Pin used for factory trimming and calibration!
08
AZ
A out
Z Acceleration Parallel Output Pin
09
AY
A out
Y Acceleration Parallel Output Pin
10
AX
A out
X Acceleration Parallel Output Pin
11
AMUX
A out
Channel Multiplexer Serial Output Pin
12
SEL.0
D in
Channel Multiplexer Selection Pin 1
1) Connect to GND if Standby mode and multiplexed outputs will not be used.
Pin 1 identifier
1
2
34
5
6
12
top view
7
8
9
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com