Electronic Components Datasheet Search
  English  ▼

X  

BMA140 Datasheet(PDF) 19 Page - Bosch Sensortec GmbH

Part # BMA140
Description  Triaxial, analog acceleration sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA140 Datasheet(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BMA140 Datasheet HTML 15Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 16Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 17Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 18Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 19Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 20Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 21Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 22Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 23Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
BMA140
Data sheet
Triaxial, analog acceleration sensor
Bosch Sensortec
Rev. 1.1
Page 19
04 April 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
5.4
Moisture sensitivity level and soldering
The moisture sensitivity level of the BMA140 sensors corresponds to JEDEC Level 1, see also
-
IPC/JEDEC
J-STD-020C
“Joint
Industry
Standard:
Moisture/Reflow
Sensitivity
Classification for non-hermetic Solid State Surface Mount Devices”
-
IPC/JEDEC J-STD-033A “Joint Industry Standard: Handling, Packing, Shipping and Use of
Moisture/Reflow Sensitive Surface Mount Devices”.
The sensor fulfils the lead-free soldering requirements of the above-mentioned IPC/JEDEC
standard, i.e. reflow soldering with a peak temperature up to 260°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com