Electronic Components Datasheet Search
  English  ▼

X  

TP5600 Datasheet(PDF) 4 Page - Billiton Ltd.

Part # TP5600
Description  SynchronIzatIon Switch SynchronIzatIon Switch 2 A
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP5600 Datasheet(HTML) 4 Page - Billiton Ltd.

  TP5600 Datasheet HTML 1Page - Billiton Ltd. TP5600 Datasheet HTML 2Page - Billiton Ltd. TP5600 Datasheet HTML 3Page - Billiton Ltd. TP5600 Datasheet HTML 4Page - Billiton Ltd. TP5600 Datasheet HTML 5Page - Billiton Ltd. TP5600 Datasheet HTML 6Page - Billiton Ltd. TP5600 Datasheet HTML 7Page - Billiton Ltd. TP5600 Datasheet HTML 8Page - Billiton Ltd. TP5600 Datasheet HTML 9Page - Billiton Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
南京拓微集成电路有限公司
NanJing Top Power ASIC Corp.
4
REV_2.0
典型应用电路
dn~_up
auto_up
Key~
Lx
EXT
GND_P
VS
VBAT
GND_A
V_Ilmt
L=2.2uH
VIN
C1
R2=3M
C6 C7 C8
C14
C15
VOUT
GND
C12
C13
Rsb=13.5mΩ
TP5600
0.1uF
0.1uF
22uF
22uF
0.1uF
D+
D-
VREG
Vint1
Vint2
C5
C4
C3 1uF
1uF
0.1uF
22uF
R1
5K
C2=1uF
1uF
0.1uF
C9
22uF
C10
22uF
R7=1M
R8=33K
RA1
RA2
RB1
RB2
NMOS
8205A
KEY2
升压按键
M1
8
6
20
13
19
17
16
14
15
22
21
4
CLX
10nF+3.3Ω
RLX
图 1 TP5600 为 4.2V 锂离子电池 2A 充电、5V2A 升压应用示意图
封装/订购信息
NC
VOUT
VOUT
LX
VOUT
Vint1
GND_A
key~
V_Ilmt
VS
VBAT
auto_up
24 引脚 4mm*4mmQFN24 封装顶视图
(散热片接地,不可接其他电位)
订单型号
TP5600-QFN24
器件标记
TP5600
实物图片



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com