Electronic Components Datasheet Search
  English  ▼

X  

TP7660H Datasheet(PDF) 5 Page - Billiton Ltd.

Part # TP7660H
Description  Voltage-voltage deflector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP7660H Datasheet(HTML) 5 Page - Billiton Ltd.

  TP7660H Datasheet HTML 1Page - Billiton Ltd. TP7660H Datasheet HTML 2Page - Billiton Ltd. TP7660H Datasheet HTML 3Page - Billiton Ltd. TP7660H Datasheet HTML 4Page - Billiton Ltd. TP7660H Datasheet HTML 5Page - Billiton Ltd. TP7660H Datasheet HTML 6Page - Billiton Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
南京拓微集成电路有限公司
5
若要提高电路的转换效率也可适当地降低振荡频率,在 7、8 脚间接一电容,如下图:
此时开关损耗减少。不过,随着频率的降低泵电容和存储电容的阻抗必将增高,所以需
以频率降低的倍数为乘数来提高 C1,C2 的值。
倍压电路:
基于此结构,可得到能同时获得倍压与反压的应用电路,如下图:
在此图中,C1,C3 分别是负电压电路的泵电容与存储电容,C2,C4 分别是倍压电路的泵
电容与存储电容。输入电压为+5V 时,可同时得到+9V 与-5V 的输出电压。



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com