Electronic Components Datasheet Search
  English  ▼

X  

SC77AAA Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SC77AAA
Description  Breaker (Surface Mount Thermal Cutoff Device)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SC77AAA Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SC77AAA Datasheet HTML 1Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 2Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 3Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 4Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 5Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 6Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 7Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
n
MiniatureThermalCutoff(TCO)device
n
Surfacemount,smallestbodysize
n
Overtemperatureandovercurrentprotection
n
Controlsabnormal,excessivecurrent
virtuallyinstantaneously,uptoratedlimits
n
Widerangeoftemperatureoptions
n
Highcorrosionresistance
n
Twoheightoptions:lowprofile&highforce
withstand
Applications
n
Batterycellprotectionfor:
-NotebookPCs
-TabletPCs
-Smartphones
n
Overtemperatureprotectionfor:
-USBTypeCcables(e.g.smartphonecables,
notebookACadapters)
-Electroniccigarettes
-Medicalheaters***
SC Series Breaker (Surface Mount Thermal Cutoff Device)
* RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
** Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)
andChlorine(Cl)contentis1500ppmorless.
***Excludinglife-saving,life-criticalorlife-sustainingapplications.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Ratings
Agency Recognition
Description
UL, cUL
File Number: E215638
(UL 60730)
TUV
File Number: R 50411018 0001~0002
(EN 60730 2-9-2010)
How to Order
SC 77 A A B
Series Designator
Trip Temperature (±5 °C)
• 72
• 77
• 82
• 85
Arm Material
A = Cu Alloy, High current type
Body Material
A = PPS
Body Thickness
A = 1.07 ± 0.05 mm
B = 0.94 ± 0.05 mm
Specification
A-TYPE
SC72AAA,
SC72AAB
SC77AAA,
SC77AAB
SC82AAA,
SC82AAB
SC85AAA,
SC85AAB
Trip Temperature
72 °C ± 5 °C
77 °C ± 5 °C
82 °C ± 5 °C
85 °C ± 5 °C
Reset Temperature
40 °C min.
Contact Rating
DC9 V / 25 A, 6000 cycles
Maximum Breaking Current
DC5 V / 50 A, 100 cycles
Maximum Voltage
DC28 V / 25 A, 100 cycles
Minimum Holding Voltage
3 V @ 25 °C for 1 minute
Maximum Leakage Current
200 mA max. @ 25 °C
Resistance
5 milliohms max.
Mini-breaker TCOs reset when the following conditions are met:
• The ambient temperature has dropped by 10 °C below the minimum trip temperature; and
• Power to the TCO has been cycled (off/on)
4134N
SC
7 7 A
00
Product Structure
Circuit Diagram
NORMALCIRCUIT
CIRCUIT
AFTEROPENING
4.7
(.185)
4.4 +0.25/-0.05
(.173 +.010/-.002)
ARM
TERMINAL
BASE
TERMINAL
COVER
BIMETAL
DISC
ARM
COVER PLATE
BASE
CONTACT
PTC
2.8
(.110)
0.125
(.005)
R
4 PLCS.
4 PLCS.
1.07 ± 0.05
(.042 ± .002) SCxxAAA
0.94 ± 0.05
(.037 ± .002) SCxxAAB
0.08
(.003)
1.71
(.067)
1.71
(.067)
0.5
(.020)
1.54
(.061)
1.49
(.059)
BASE
TERMINALS
ARM
TERMINALS
3.42
(.135)
2.3
(.091)
0.7
(.028)
BASE
TERMINALS
ARM
TERMINALS
0.7
(.028)
• ModelSCxAABisthelowprofile0.94mmheightversion.
• ModelSCxAAAisdesignedwithareinforcedcovertowithstand
higher forces during the USB cable manufacturing injection molding
process.
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov


Similar Part No. - SC77AAA

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC7751 SILAN-SC7751 Datasheet
597Kb / 9P
ELECTRONIC POWER METER IC WITH ELECTRICITY PROOF
SC7751S SILAN-SC7751S Datasheet
597Kb / 9P
ELECTRONIC POWER METER IC WITH ELECTRICITY PROOF
SC7755 SILAN-SC7755 Datasheet
618Kb / 9P
ELECTRICITY POWER METER CIRCUIT
SC7755S SILAN-SC7755S Datasheet
618Kb / 9P
ELECTRICITY POWER METER CIRCUIT
logo
KOA Speer Electronics, ...
SC7777D KOA-SC7777D Datasheet
61Kb / 1P
hybrid IC
More results

Similar Description - SC77AAA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
HC72AY-1 BOURNS-HC72AY-1 Datasheet
601Kb / 5P
Breaker (Thermal Cutoff Device)
KCA77AB0 BOURNS-KCA77AB0 Datasheet
425Kb / 5P
A-Type Breaker (Thermal Cutoff Device)
NR77AB0 BOURNS-NR77AB0 Datasheet
540Kb / 5P
Breaker (Thermal Cutoff Device)
SA72SB0 BOURNS-SA72SB0 Datasheet
576Kb / 7P
Breaker (Surface Mount Thermal Cutoff Device)
logo
NTE Electronics
NTE8065 NTE-NTE8065_16 Datasheet
61Kb / 1P
Thermal Cutoff
logo
Bourns Electronic Solut...
AC72ABD BOURNS-AC72ABD Datasheet
673Kb / 6P
AC Series Breaker (Thermal Cutoff Device)
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
Polymeric Thermal Cutoff Device
P-TCO-U BOURNS-P-TCO-U Datasheet
634Kb / 5P
Polymeric Thermal Cutoff Device
SA72CB0 BOURNS-SA72CB0 Datasheet
963Kb / 9P
Breaker (Surface Mount Thermal Cutoff Device)
CB72ABB BOURNS-CB72ABB Datasheet
646Kb / 6P
CB Series Breaker (Thermal Cutoff Device)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com