Electronic Components Datasheet Search
  English  ▼

X  

INMP522 Datasheet(PDF) 11 Page - TDK Electronics

Part # INMP522
Description  Ultra-Low Noise, Low Sensitivity Tolerance, PDM Digital Microphone
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP522 Datasheet(HTML) 11 Page - TDK Electronics

Back Button INMP522 Datasheet HTML 7Page - TDK Electronics INMP522 Datasheet HTML 8Page - TDK Electronics INMP522 Datasheet HTML 9Page - TDK Electronics INMP522 Datasheet HTML 10Page - TDK Electronics INMP522 Datasheet HTML 11Page - TDK Electronics INMP522 Datasheet HTML 12Page - TDK Electronics INMP522 Datasheet HTML 13Page - TDK Electronics INMP522 Datasheet HTML 14Page - TDK Electronics INMP522 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
INMP522
For PDM data, the density of the pulses indicates the signal amplitude. A high density of high pulses indicates a signal near positive
full scale, and a high density of low pulses indicates a signal near negative full scale. A perfect zero (dc) audio signal
is indicated by an alternating pattern of high and low pulses.
The output PDM data signal has a small dc offset of approximately 5% of full scale. A high-pass filter in the codec that is connected
to the digital microphone typically removes this dc signal and does not affect the performance of the microphone.
PDM MICROPHONE SENSITIVITY
The sensitivity of a PDM output microphone is specified in units of dBFS (decibels relative to a full-scale digital output). A 0 dBFS sine
wave is defined as a signal whose peak just touches the full-scale code of the digital word (see Figure 10). This measurement
convention means that signals with a different crest factor may have an RMS level higher than 0 dBFS. For example, a full-scale
square wave has an RMS level of 3 dBFS.
Figure 10. 1 kHz, 0 dBFS Sine Wave
The definition of a 0 dBFS signal must be understood when measuring the sensitivity of the inMP522. An acoustic input signal of a
1 kHz sine wave at 94 dB SPL applied to the INMP522 results in an output signal with a −26 dBFS level. This means that the output
digital word peaks at −26 dB below the digital full-scale level. A common misunderstanding is that the output has an RMS level of
−29 dBFS; however, this is not the case because of the definition of a 0 dBFS sine wave.
There is no commonly accepted unit of measurement to express the instantaneous level of a digital signal output from the
microphone, as opposed to the RMS level of the signal. Some measurement systems express the instantaneous level of an individual
sample in units of D, where 1.0 D is digital full scale (see Figure 10). In this case, a −26 dBFS sine wave has peaks at 0.05 D.
For more information about digital microphone sensitivity, see the AN-1112 Application Note, Microphone Specifications Explained.
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
0.9
1.0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
TIME (ms)
Page 11 of 21
Document Number: DS-INMP522-00
Revision: 1.1
Rev Date: 02/06/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com