Electronic Components Datasheet Search
  English  ▼

X  

INMP522 Datasheet(PDF) 13 Page - TDK Electronics

Part # INMP522
Description  Ultra-Low Noise, Low Sensitivity Tolerance, PDM Digital Microphone
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP522 Datasheet(HTML) 13 Page - TDK Electronics

Back Button INMP522 Datasheet HTML 9Page - TDK Electronics INMP522 Datasheet HTML 10Page - TDK Electronics INMP522 Datasheet HTML 11Page - TDK Electronics INMP522 Datasheet HTML 12Page - TDK Electronics INMP522 Datasheet HTML 13Page - TDK Electronics INMP522 Datasheet HTML 14Page - TDK Electronics INMP522 Datasheet HTML 15Page - TDK Electronics INMP522 Datasheet HTML 16Page - TDK Electronics INMP522 Datasheet HTML 17Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
INMP522
Figure 12. Stereo PDM Microphone Connection to Codec
Decouple the VDD pin of the INMP522 to GND with a 0.1 µF capacitor. Place this capacitor as close to VDD as the printed circuit board
(PCB) layout allows.
Do not use a pull-up or pull-down resistor on the PDM data signal line because the resistor can pull the signal to an incorrect state
during the period that the signal line is tristated.
CLOCK OUTPUT
CODEC
0.1µF
1.8V TO 3.3V
GND
L/R SELECT
DATA
INMP522
CLK
VDD
DATA INPUT
0.1µF
1.8V TO 3.3V
GND
L/R SELECT
DATA
INMP522
CLK
VDD
Page 13 of 21
Document Number: DS-INMP522-00
Revision: 1.1
Rev Date: 02/06/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com