Electronic Components Datasheet Search
  English  ▼

X  

BP5151HC Datasheet(PDF) 2 Page - Bright Power Semiconductor Co., Ltd.

Part # BP5151HC
Description  High Voltage Linear LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP5151HC Datasheet(HTML) 2 Page - Bright Power Semiconductor Co., Ltd.

  BP5151HC Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP5151HC Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BP5151HC
High Voltage Linear LED Driver
BP5151HC_CN_DS_Rev.1.0
www.bpsemi.com
2
Bright Power Semiconductor Co. Confidential – Customer Use Only
Order Information
Part
Number
Package
Temperature
Temperature
adjustment
Packing
Method
Mark
BP5151HC
ESOP8
-40 ℃ to
105 ℃
TREG : 150 ℃
Tape
4000 pcs/reel
BP5151H
XXXXXY
XYYC
BP5151H-XXXXXY-XYYC
Lot code
Product Code
C:Treg=150℃
Week
Year
Package
H:ESOP8
Pin mapping
NC
GND
CS
NC
NC
DRIAN
VD
NC
Fig 2 BP5151HC Pin Mapping
Pin Descriptions
Pin No.
Pin Name
Descriptions
1,2,7,8
NC
Not connect
3
D
Drain for LED string
4
VD
Drain signal input, need connect resistor to Drain Pin
5
CS
Current sense,connect the current sense resistor to GND
6
GND
IC ground
XXXXXY: lot code
X: year
YY:week



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com