Electronic Components Datasheet Search
  English  ▼

X  

BP5151HC Datasheet(PDF) 1 Page - Bright Power Semiconductor Co., Ltd.

Part # BP5151HC
Description  High Voltage Linear LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP5151HC Datasheet(HTML) 1 Page - Bright Power Semiconductor Co., Ltd.

  BP5151HC Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP5151HC Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BP5151HC
High Voltage Linear LED Driver
BP5151HC_CN_DS_Rev.1.0
www.bpsemi.com
1
Bright Power Semiconductor Co. Confidential – Customer Use Only
Description
BP5151HC is a high current precision Linear LED
Driver,integrated with High Voltage regulation
switchers and JFET supply, specially designed for
AC line LED strings forwarded with high voltage
and low current.
In application, it supports a quite small BOM
benefit from no ECAP and no Magnetics, compile
with EMI and safety standard.
BP5151HC can drive precision constant current
by option of an external resistor, and set up the
LED strings in group linear compile with THD
performance. Typical 40mA LED current is
optimized for 220V line voltage.
BP5151HC invite an external resistor to fulfill the
line regulation and adjust the output current
following input voltage.
Features
High integration,all SMTs in small size.
No ECAPs and magnetics
Integrated with 500V HV MOS, saved on
safety components.
Fast startup
LED current set by external resistors with ±5%
accuracy.
On chip thermal regulation.
Compensation for line regulation
In ESOP8 package.
Temperature adjustment with ±3℃ accuracy
Application
GU10/E27 LED retrofit lamps
LED candle
Other LED lighting
Typical Application
BP5151HC
Fig.1 BP5151HC Typical Application


Similar Part No. - BP5151HC

ManufacturerPart #DatasheetDescription
logo
Bright Power Semiconduc...
BP5151DJ BPS-BP5151DJ Datasheet
175Kb / 1P
High Voltage Linear LED Driver
More results

Similar Description - BP5151HC

ManufacturerPart #DatasheetDescription
logo
Bright Power Semiconduc...
BP5131D BPS-BP5131D Datasheet
163Kb / 2P
High Voltage Linear LED Driver
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxic Technology Corpor...
MT7606 MAXIC-MT7606 Datasheet
151Kb / 1P
High Voltage Linear LED Driver
logo
Bright Power Semiconduc...
BP5116DJ BPS-BP5116DJ Datasheet
496Kb / 2P
High Voltage Linear LED Driver
BP5131HC BPS-BP5131HC Datasheet
494Kb / 2P
High Voltage Linear LED Driver
BP5131JC BPS-BP5131JC Datasheet
326Kb / 2P
High Voltage Linear LED Driver
BP5136HC BPS-BP5136HC Datasheet
429Kb / 2P
High Voltage Multi-channel linear LED Driver
BP5151DJ BPS-BP5151DJ Datasheet
175Kb / 1P
High Voltage Linear LED Driver
logo
Maxic Technology Corpor...
MT7607H MAXIC-MT7607H Datasheet
97Kb / 1P
High Voltage Linear LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com