Electronic Components Datasheet Search
  English  ▼

X  

WS7802DF Datasheet(PDF) 5 Page - Will Semiconductor Ltd.

Part # WS7802DF
Description  0.1GHz ??3GHz SPDT Antenna Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WS7802DF Datasheet(HTML) 5 Page - Will Semiconductor Ltd.

  WS7802DF Datasheet HTML 1Page - Will Semiconductor Ltd. WS7802DF Datasheet HTML 2Page - Will Semiconductor Ltd. WS7802DF Datasheet HTML 3Page - Will Semiconductor Ltd. WS7802DF Datasheet HTML 4Page - Will Semiconductor Ltd. WS7802DF Datasheet HTML 5Page - Will Semiconductor Ltd. WS7802DF Datasheet HTML 6Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
WS7802DF
Will Semiconductor Ltd.
5
2019_V1.2
Package outline dimensions
Symbol
Dimensions in Millimeters
Min.
Typ.
Max.
A
0.500
0.550
0.600
A1
0.004
0.020
0.046
A2
0.440 Ref.
A3
0.110 Ref.
b
0.150
0.200
0.250
D
0.700 BSC.
E
1.100 BSC.
e
0.400 BSC.
L1
0.050 Ref.
L
0.150
0.200
0.250



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com