Electronic Components Datasheet Search
  English  ▼

X  

WS7802DF Datasheet(PDF) 1 Page - Will Semiconductor Ltd.

Part # WS7802DF
Description  0.1GHz ??3GHz SPDT Antenna Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WS7802DF Datasheet(HTML) 1 Page - Will Semiconductor Ltd.

  WS7802DF Datasheet HTML 1Page - Will Semiconductor Ltd. WS7802DF Datasheet HTML 2Page - Will Semiconductor Ltd. WS7802DF Datasheet HTML 3Page - Will Semiconductor Ltd. WS7802DF Datasheet HTML 4Page - Will Semiconductor Ltd. WS7802DF Datasheet HTML 5Page - Will Semiconductor Ltd. WS7802DF Datasheet HTML 6Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WS7802DF
Will Semiconductor Ltd.
1
2019_V1.2
WS7802DF
0.1GHz
– 3GHz SPDT Antenna Switch
Descriptions
The WS7802DF is a single-pole, double-throw (SPDT)
switch. The device is optimized for 4G routing and
diversity applications. The high linearity performance
and low insertion loss make the device an ideal choice
for WCDMA/LTE handset and data card applications.
No external DC blocking capacitors are required on the
RF paths if no DC voltage is applied to those paths. The
WS7802DF is provided in a compact Dual Flat No-lead
Package (DFN) 1.1 x 0.7 mm2 package.
Features
 Small, low profile package 1.1mm x 0.7mm x
0.55mm
 Working frequency up to 3GHz
 Very low insertion loss
 Excellent isolation performance
 Low power consumption
 Exceptional linearity performance for WCDMA/LTE
application
 Low harmonic generation
 Very good ESD performance
Applications
Cell phones
Tablets
Other RF front-end modules
http://www.sh-willsemi.com
DFN 1.1X0.7-6L (Bottom view)
4
VDD
3
RF2
2
ANT
1
RF1
6
V1
5
GND
Pin configuration (Top view)
U*
U
= Device code
*
= Month code(A~Z)
Marking (Top view)
Order information
Device
Package
Shipping
WS7802DF-6/TR
DFN 1.1X0.7-6L
3000/Reel&Tape


Similar Part No. - WS7802DF

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS7802DE WILLSEMI-WS7802DE Datasheet
584Kb / 6P
0.1GHz ??3GHz SPDT Antenna Switch
WS7802DE-6/TR WILLSEMI-WS7802DE-6/TR Datasheet
584Kb / 6P
0.1GHz ??3GHz SPDT Antenna Switch
More results

Similar Description - WS7802DF

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS7802C WILLSEMI-WS7802C Datasheet
1,010Kb / 6P
0.1GHz ??3GHz SPDT Antenna Switch
WS7802DE WILLSEMI-WS7802DE Datasheet
584Kb / 6P
0.1GHz ??3GHz SPDT Antenna Switch
WS7802LR WILLSEMI-WS7802LR Datasheet
916Kb / 6P
0.1GHz ??3GHz SPDT Antenna Switch
WS7802LS WILLSEMI-WS7802LS Datasheet
1Mb / 6P
0.1GHz ??3GHz SPDT Antenna Switch
WS7803F WILLSEMI-WS7803F Datasheet
957Kb / 6P
0.1GHz ??3GHz SP3T Antenna Switch
WS7803QD WILLSEMI-WS7803QD Datasheet
799Kb / 6P
0.1GHz ??3GHz SP3T Antenna Switch
WS7804Q WILLSEMI-WS7804Q Datasheet
1Mb / 6P
0.1GHz ??3GHz SP4T Antenna Switch
WS7806Q WILLSEMI-WS7806Q Datasheet
1Mb / 6P
0.1GHz ??3GHz SP6T Antenna Switch
WS7806QC WILLSEMI-WS7806QC Datasheet
304Kb / 6P
0.1GHz ??3GHz SP6T Antenna Switch
WS7808QC WILLSEMI-WS7808QC Datasheet
307Kb / 6P
0.1GHz ??3GHz SP8T Antenna Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com