Electronic Components Datasheet Search
  English  ▼

X  

DR124 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # DR124
Description  High power density, high efficiency, low profile shielded drum core power inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

DR124 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  DR124 Datasheet HTML 1Page - Eaton All Rights Reserved. DR124 Datasheet HTML 2Page - Eaton All Rights Reserved. DR124 Datasheet HTML 3Page - Eaton All Rights Reserved. DR124 Datasheet HTML 4Page - Eaton All Rights Reserved. DR124 Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.eaton.com/electronics
DR124
High power density, high efficiency, low profile shielded drum
core power inductors
Technical Data
4141
Effective March 2019
Product specifications
1. Open Circuit Inductance Test Parameters: 100 kHz, 0.25 V, 0.0 Adc.
2. I
rms: DC current for an approximate ∆T of 40 °C without core loss. Derating is
necessary for AC currents. PCB layout, trace thickness and width, air-flow,
and proximity of other heat generating components will affect the
temperature rise. It is recommended that the temperature of the part not
exceed +125 °C under worst case operating conditions verified in the end
application.
3. I
sat Amps peak for approximately 25% rolloff (@ +25 °C).
4. K-factor: Used to determine B
p-p for core loss (see graph).
B
p-p = K*L*∆I, Bp-p (mT), K: (K factor from table), L: (Inductance in μH),
∆I (Peak to peak ripple current in Amps).
5. Part Number Definition: DR124-xxx-R
- DR124 = Product code and size; -xxx = Inductance value in uH;
- R = decimal point; If no R is present, third character = # of zeros.
- “-R” suffix = RoHS compliant
Part Number
Rated
Inductance
(μH)
OCL1
μH±20%
I
rms
2
(A)
I
sat
3
(A)
DCR
mΩ @20°C
Typ
DCR
mΩ @ +20°C
Max
K-factor4
DR124-R47-R
0.47
0.42
16.0
24.40
2.2
2.7
17.51
DR124-1R0-R
1.0
0.83
13.9
18.00
3.00
3.6
12.50
DR124-1R5-R
1.5
1.37
11.1
14.00
4.75
5.7
9.73
DR124-2R2-R
2.2
2.04
9.1
11.45
5.92
7.1
7.96
DR124-3R9-R
3.9
3.80
7.0
8.40
12.50
15.0
5.84
DR124-4R7-R
4.7
4.88
6.5
7.65
13.50
16.2
5.15
DR124-6R8-R
6.8
6.10
5.6
6.47
18.06
21.7
4.61
DR124-8R2-R
8.2
7.45
5.2
6.22
21.67
26.0
4.17
DR124-100-R
10
8.94
4.5
5.80
23.33
28.0
3.81
DR124-120-R
12
11.5
4.1
4.96
31.67
38.0
3.50
DR124-150-R
15
14.2
3.6
4.62
37.30
44.8
3.02
DR124-180-R
18
16.2
3.4
4.32
46.97
56.4
2.82
DR124-220-R
22
20.7
3.2
3.83
53.99
64.8
2.50
DR124-270-R
27
25.7
2.8
3.44
66.67
80.0
2.24
DR124-330-R
33
31.2
2.6
3.12
80.83
97.0
2.04
DR124-390-R
39
37.3
2.3
2.85
110.00
132.0
1.86
DR124-470-R
47
44.0
2.2
2.63
124.66
149.6
1.72
DR124-560-R
56
54.9
2.0
2.35
144.32
173.2
1.54
DR124-680-R
68
67.1
1.8
2.13
183.33
220.0
1.39
DR124-820-R
82
80.5
1.7
1.94
212.72
255.3
1.27
DR124-101-R
100
95.1
1.5
1.79
256.67
308.0
1.17
DR124-121-R
120
111
1.3
1.65
311.18
373.4
1.08
DR124-151-R
150
146
1.3
1.44
371.02
445.2
0.94
DR124-181-R
180
179
1.1
1.30
501.66
602.0
0.87
DR124-221-R
220
216
1.0
1.15
558.00
669.6
0.77
DR124-271-R
270
256
0.88
1.09
725.00
870.0
0.71
DR124-331-R
330
327
0.83
0.92
825.00
990.0
0.63
DR124-471-R
470
460
0.68
0.74
1242.50
1491.0
0.53
DR124-681-R
680
669
0.56
0.65
1845.83
2215.0
0.45
DR124-821-R
820
825
0.53
0.62
2109.17
2351.0
0.40
DR124-102-R
1000
998
0.44
0.53
2898.00
3477.00
0.37



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com