Electronic Components Datasheet Search
  English  ▼

X  

DR124 Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # DR124
Description  High power density, high efficiency, low profile shielded drum core power inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

DR124 Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  DR124 Datasheet HTML 1Page - Eaton All Rights Reserved. DR124 Datasheet HTML 2Page - Eaton All Rights Reserved. DR124 Datasheet HTML 3Page - Eaton All Rights Reserved. DR124 Datasheet HTML 4Page - Eaton All Rights Reserved. DR124 Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.eaton.com/electronics
Technical Data
4141
Effective March 2019
Core loss vs. Bp-p
DR124
High power density, high efficiency, low profile shielded drum
core power inductors
Inductance characteristics
100
500 kHz
1 MHz
300 kHz
10
200 kHz
100 kHz
1
0.1
0.01
0.001
0.0001
1
10
100
1000
Bp-p (mT)
OCL vs. Isat
120.0
100.0
-40 °C
80.0
+25 °C
60.0
40.0
+85 °C
20.0
0.0
0.0
20.0
40.0
60.0
80.0
100.0
120.0
% Isat



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com