Electronic Components Datasheet Search
  English  ▼

X  

54HC138 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54HC138
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC138 Datasheet(HTML) 1 Page - Silicon Supplies

  54HC138 Datasheet HTML 1Page - Silicon Supplies 54HC138 Datasheet HTML 2Page - Silicon Supplies 54HC138 Datasheet HTML 3Page - Silicon Supplies 54HC138 Datasheet HTML 4Page - Silicon Supplies 54HC138 Datasheet HTML 5Page - Silicon Supplies 54HC138 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
High Speed CMOS Logic – 74HC138
Rev 1.0
23/11/17
 
3-Line to 8-Line Decoder / Demultiplexer in bare die form
Features:
 
 
Output Drive Capability: 10 LSTTL Loads
Low Input Current: 1µA
Outputs directly interface CMOS, NMOS and TTL
 
 
Operating Voltage Range: 2V to 6V
CMOS High Noise Immunity
 
Function compatible with 74LS138.
 
 
 
 
 
Ordering Information
The following part suffixes apply:
The 74HC138 is fabricated using a 2.5µm 5V CMOS
process with the same high speed performance of LSTTL
combined with CMOS low power consumption. Inputs are
compatible with standard CMOS outputs and LSTTL
outputs by using pull-up resistors. The device decodes a
three–bit Address to one–of–eight active–low outputs.
Featuring three Chip Select inputs, two active–low & one
active–high to facilitate the demultiplexing, cascading, and
chip–selecting functions. The demultiplexing function uses
the Address inputs to select desired device output; one of
the Chip Selects is used as a data input while the other
Chip Selects are held in their active states.
Description
Die Dimensions in µm (mils)
1450 (57)
 
No suffix - MIL-STD-883 /2010B Visual Inspection
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1450 x 1500
57 x 59
µm
mils
Minimum Bond Pad Size
100 x 100
4 x 4
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
For High Reliability versions of this product please see
54HC138
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 6 
www.siliconsupplies.com


Similar Part No. - 54HC138

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
54HC138 MOTOROLA-54HC138 Datasheet
164Kb / 7P
3-to-8 Line Decoder
logo
Silicon Supplies
54HC138 SS-54HC138 Datasheet
452Kb / 6P
High Speed CMOS Logic
54HC138 SS-54HC138 Datasheet
307Kb / 6P
High Speed CMOS Logic
Rev 1.0 23/11/17
54HC138 SS-54HC138_V01 Datasheet
307Kb / 6P
High Speed CMOS Logic
Rev 1.0 23/11/17
More results

Similar Description - 54HC138

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com