Electronic Components Datasheet Search
  English  ▼

X  

54HC138 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54HC138
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC138 Datasheet(HTML) 2 Page - Silicon Supplies

  54HC138 Datasheet HTML 1Page - Silicon Supplies 54HC138 Datasheet HTML 2Page - Silicon Supplies 54HC138 Datasheet HTML 3Page - Silicon Supplies 54HC138 Datasheet HTML 4Page - Silicon Supplies 54HC138 Datasheet HTML 5Page - Silicon Supplies 54HC138 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS Logic – 74HC138
Rev 1.0
23/11/17
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
A0
0.149
0.823
2
A1
0.149
0.409
3
A2
0.111
0.239
4
CS2
0.446
0.129
5
CS3
0.723
0.129
6
CS1
1.004
0.129
7
Y7
1.195
0.203
8
GND
1.217
0.566
9
Y6
1.207
0.832
10
Y5
1.197
1.204
11
Y4
1.000
1.294
12
Y3
0.827
1.294
13
Y2
0.653
1.294
14
Y1
0.479
1.294
15
Y0
0.178
1.238
16
VCC
0.147
0.980
CONNECT CHIP BACK TO VCC OR FLOAT
Pad Layout and Functions
1450µm (57.09 mils)
Truth Table
0,0
1
12
11
10
8
6
5
4
3
2
DIE ID
7
9
13
14
15
16
INPUTS
OUTPUTS
CS1
CS2
CS3
A2
A1
A0
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
X
X
H
X
X
X
H
H
H
H
H
H
H
H
X
H
X
X
X
X
H
H
H
H
H
H
H
H
L
X
X
X
X
X
H
H
H
H
H
H
H
H
H
L
L
L
L
L
L
H
H
H
H
H
H
H
H
L
L
L
L
H
H
L
H
H
H
H
H
H
H
L
L
L
H
L
H
H
L
H
H
H
H
H
H
L
L
L
H
H
H
H
H
L
H
H
H
H
H
L
L
H
L
L
H
H
H
H
L
H
H
H
H
L
L
H
L
H
H
H
H
H
H
L
H
H
H
L
L
H
H
L
H
H
H
H
H
H
L
H
H
L
L
H
H
H
H
H
H
H
H
H
H
L
H = High level (steady state)
L = Low level (steady state)
X = Don’t care



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com