Electronic Components Datasheet Search
  English  ▼

X  

54HC139 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 54HC139
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC139 Datasheet(HTML) 4 Page - Silicon Supplies

  54HC139 Datasheet HTML 1Page - Silicon Supplies 54HC139 Datasheet HTML 2Page - Silicon Supplies 54HC139 Datasheet HTML 3Page - Silicon Supplies 54HC139 Datasheet HTML 4Page - Silicon Supplies 54HC139 Datasheet HTML 5Page - Silicon Supplies 54HC139 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 
 
 
DC Electrical Characteristics (Voltages Referenced to GND)
 
High Speed CMOS Logic – 74HC139
Rev 1.0
16/04/18
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
 
FULL RANGE
4
UNITS
2.0V
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
1.9
1.9
1.9
4.5V
4.4
4.4
4.4
VIN = VIH or VIL
│IOUT│≤ 20µA
6.0V
5.9
5.9
5.9
4.5V
VIN = VIH or VIL
│IOUT│≤ 4.0mA
3.98
3.84
3.84
Minimum High-Level
Output Voltage
VOH
V
6.0V
VIN = VIH or VIL
│IOUT│≤ 5.2mA
5.48
5.34
5.34
2.0V
0.1
0.1
0.1
4.5V
0.1
0.1
0.1
6.0V
VIN = VIH or VIL
│IOUT│≤ 20µA
0.1
0.1
0.1
4.5V
VIN = VIH or VIL
│IOUT│≤ 4.0mA
0.26
0.33
0.33
Maximum Low-Level
Output Voltage
VOL
6.0V
VIN = VIH or VIL
│IOUT│≤ 5.2mA
0.26
0.33
0.33
V
Maximum Input
Leakage Current
IIN
6.0V
VIN = VCC or GND
±0.1
±1.0
±1.0
µA
Maximum Quiescent
Supply Current
ICC
6.0V
VIN = VCC or GND
IOUT = 0µA
4
40
40
µA
 AC Electrical Characteristics5
LIMITS
PARAMETER
6. Not production tested in die form, characterized by chip design and tested in package.
7. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.
SYMBOL
VCC
CONDITIONS
UNITS
FULL RANGE
4
25°C
85°C
2.0V
115
145
145
4.5V
23
29
29
Maximum
Propagation Delay,
CL = 50pF,
ns
tPLH, tPHL
Select to Output Y
tr = tf = 6ns
(Figure 1, 3)
6.0V
20
25
25
2.0V
115
145
145
4.5V
23
29
29
Maximum
Propagation Delay,
CL = 50pF,
ns
tPLH, tPHL
Input A to Output Y
tr = tf = 6ns
(Figure 2,3)
6.0V
20
25
25
2.0V
75
95
95
4.5V
15
19
19
Maximum Output
Transition Time,
CL = 50pF,
ns
tTLH, tTHL
Any Output
tr = tf = 6ns
(Figure 1,3)
6.0V
13
16
16
Maximum Input
Capacitance
CIN
-
-
10
10
10
pF
TYPICAL
Power Dissipation
TJ = 25°C,
Capacitance
(Per Decoder)
7
CPD
-
VCC = 5.0V
55
pF
 
Page 4 of 6 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com