Electronic Components Datasheet Search
  English  ▼

X  

54HC139 Datasheet(PDF) 5 Page - Silicon Supplies

Part # 54HC139
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC139 Datasheet(HTML) 5 Page - Silicon Supplies

  54HC139 Datasheet HTML 1Page - Silicon Supplies 54HC139 Datasheet HTML 2Page - Silicon Supplies 54HC139 Datasheet HTML 3Page - Silicon Supplies 54HC139 Datasheet HTML 4Page - Silicon Supplies 54HC139 Datasheet HTML 5Page - Silicon Supplies 54HC139 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS Logic – 74HC139
Rev 1.0
16/04/18
DUT
CL* 
 
OUTPUT
TEST POINT
Test Circuit
* Includes all probe and jig capacitance
Pad Description
ADDRESS INPUTS
1A, 1B, 2A, 2B
(Pads 2, 3, 14, 13)
When the respective 1–of–4 decoder is enabled these inputs determine which of its four active–low outputs is selected.
OUTPUTS
1Y0, 1Y1, 1Y2, 1Y3, 2Y0, 2Y1, 2Y2, 2Y3
(Pads 4-7, 12, 11, 10, 9)
Active–low outputs. These outputs assume a low level when addressed and the appropriate Select input is active. These outputs
remain high when not addressed or the appropriate Select input is inactive.
CONTROL INPUTS
1G, 2G
(Pads 1, 15)
Active–low select inputs. For a low level on this input, the outputs for that particular decoder follow the Address inputs. A high level on
this input forces all outputs to a high level.
Switching Waveforms
Figure 2 
Figure 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com