Electronic Components Datasheet Search
  English  ▼

X  

BZX55A Datasheet(PDF) 1 Page - Silicon Supplies

Part # BZX55A
Description  0.5W Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

BZX55A Datasheet(HTML) 1 Page - Silicon Supplies

  BZX55A Datasheet HTML 1Page - Silicon Supplies BZX55A Datasheet HTML 2Page - Silicon Supplies BZX55A Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0.5W Zener Diode - BZX55A* series
0.5W 5mA IZT Silicon Planar Zener diode in bare die form – 1% tolerance, “A” grade
Tight tolerance reverse breakdown voltage
Larger die size for dissipation
IR characterized at 125°C
 
Sharp reverse characteristics & low reverse current
High reliability gold back metal
Rev 1.0
07/04/19
CHIP BACKSIDE IS CATHODE
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-750 /2073 Visual Inspection
“H” - MIL-STD-750 /2073 Visual Inspection
+ MIL-PRF-38534 Class H LAT
450 (17.72)
270 (10.6)
ANODE
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
LAT = Lot Acceptance Test.
“K” - MIL-STD-750 /2072 Visual Inspection
+ MIL-PRF-38534 Class K LAT
Features:
Die Dimensions in µm (mils)
Die Size (Unsawn)
450 x 450
17.72 x 17.72
µm
mils
Anode Pad Size
235 x 235
9.25 x 9.25
µm
mils
Die Thickness
200
7.87
Page 1 of 3
www.siliconsupplies.com
µm
mils
Top Metal Composition
Al
Back Metal Composition
Au
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – By specific request
Unsawn Wafer – By specific request
Lower precision VZ tolerances:
2% - B grade, 5% - C grade


Similar Part No. - BZX55A

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
BZX55A SS-BZX55A Datasheet
371Kb / 3P
0.5W Zener Diode
BZX55A2V4 SS-BZX55A2V4 Datasheet
371Kb / 3P
0.5W Zener Diode
BZX55A2V7 SS-BZX55A2V7 Datasheet
371Kb / 3P
0.5W Zener Diode
BZX55A3V0 SS-BZX55A3V0 Datasheet
371Kb / 3P
0.5W Zener Diode
BZX55A3V3 SS-BZX55A3V3 Datasheet
371Kb / 3P
0.5W Zener Diode
More results

Similar Description - BZX55A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3Z284C2V4 DIODES-PD3Z284C2V4 Datasheet
332Kb / 5P
0.5W SURFACE MOUNT ZENER DIODE
DS30702 Rev. 8 - 2
PD3Z284C2V4 DIODES-PD3Z284C2V4_08 Datasheet
165Kb / 4P
0.5W SURFACE MOUNT ZENER DIODE
DS30702 Rev. 9 - 2
UDZ5V1BF DIODES-UDZ5V1BF Datasheet
93Kb / 4P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
DS32228 Rev. 5 - 2
DDZ2V4ASF DIODES-DDZ2V4ASF Datasheet
115Kb / 6P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Rev 17
DDZ2V4ASF DIODES-DDZ2V4ASF_15 Datasheet
115Kb / 6P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Rev 17
PD3Z284C2V4 DIODES-PD3Z284C2V4_16 Datasheet
312Kb / 5P
0.5W SURFACE MOUNT ZENER DIODE
Rev 11
logo
Silicon Supplies
BZX55A SS-BZX55A Datasheet
371Kb / 3P
0.5W Zener Diode
1N5221D SS-1N5221D Datasheet
342Kb / 4P
0.5W Zener Diode
1N5221B SS-1N5221B Datasheet
345Kb / 4P
0.5W Zener Diode
logo
Diodes Incorporated
DDZ5V6ASFQ DIODES-DDZ5V6ASFQ Datasheet
287Kb / 5P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com