Electronic Components Datasheet Search
  English  ▼

X  

BZX55A Datasheet(PDF) 2 Page - Silicon Supplies

Part # BZX55A
Description  0.5W Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

BZX55A Datasheet(HTML) 2 Page - Silicon Supplies

  BZX55A Datasheet HTML 1Page - Silicon Supplies BZX55A Datasheet HTML 2Page - Silicon Supplies BZX55A Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.5W Zener Diode - BZX55A* series
Absolute Maximum Ratings T
A = 25°C unless otherwise stated
PARAMETER
SYMBOL
VALUE
UNIT
Power Dissipation
PTOT
Rev 1.0
07/04/19
500
mW
Junction Temperature
TJ
200
°C
Storage Temperature Range
TS
-65 to +200
°C
Forward Voltage @ IF = 100mA
VF
1.3
V
ZENER VOLTAGE
RANGE
TEST CURRENT
REVERSE LEAKAGE CURRENT
DYNAMIC
RESISTANCE
Electrical Characteristics T
A = 25°C unless otherwise stated
IR @ VR
ZZ @ IZT1
ZZK @ IZT2
IZT1
IZT2
TA = 25°C
TA = 125°C
f = 1 kHz
VZ @ IZT1
DEVICE
V
Ω
mA
µA Max.
V
Max.
Max.
Min.
 
Nom.
 
Max.
 
9.90
10
10.10
15
BZX55A10
5
1
0.1
2.0
7.5
70
BZX55A11
10.89
11
11.11
5
1
0.1
2.0
8.2
20
70
BZX55A12
11.88
12
12.12
5
1
0.1
2.0
9.1
20
90
BZX55A13
12.87
13
13.13
5
1
0.1
2.0
10
26
110
BZX55A15
14.85
15
15.15
5
1
0.1
2.0
11
30
110
BZX55A16
15.84
16
16.16
5
1
0.1
2.0
12
40
170
BZX55A18
17.82
18
18.18
5
1
0.1
2.0
13
50
170
BZX55A20
19.80
20
20.20
5
1
0.1
2.0
15
55
220
BZX55A22
21.78
22
22.22
5
1
0.1
2.0
16
55
220
BZX55A24
23.76
24
24.24
5
1
0.1
2.0
18
80
220
BZX55A27
26.73
27
27.27
5
1
0.1
2.0
20
80
220
BZX55A30
29.70
30
30.30
5
1
0.1
2.0
22
80
220
BZX55A33
32.67
33
33.33
5
1
0.1
2.0
24
80
220
BZX55A36
35.64
36
36.36
5
1
0.1
2.0
27
80
220
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability.
2. Assembled in DO-35 package. Performance in die form subject to assembly heat sinking and die attach methods.
Zener Voltages 2.4V to 9.1V are constructed using a smaller die geometry.
Please see here for further details
Page 2 of 3
www.siliconsupplies.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com