Electronic Components Datasheet Search
  English  ▼

X  

CD4046B Datasheet(PDF) 5 Page - Silicon Supplies

Part # CD4046B
Description  CMOS High Voltage Logic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4046B Datasheet(HTML) 5 Page - Silicon Supplies

  CD4046B Datasheet HTML 1Page - Silicon Supplies CD4046B Datasheet HTML 2Page - Silicon Supplies CD4046B Datasheet HTML 3Page - Silicon Supplies CD4046B Datasheet HTML 4Page - Silicon Supplies CD4046B Datasheet HTML 5Page - Silicon Supplies CD4046B Datasheet HTML 6Page - Silicon Supplies CD4046B Datasheet HTML 7Page - Silicon Supplies CD4046B Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
 
 
CMOS High Voltage Logic – CD4046B
Rev 1.0
21/09/18
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
5. Not production tested in die form, characterized by chip design and tested in package.
PARAMETER
SYMBOL
VDD
CONDITIONS
MIN
TYPICAL
MAX
UNITS
AC Electrical Characteristics5 T
J = 25°C unless otherwise specified
5V
-
0.12
-
10V
-
0.04
-
Temperature -
Frequency
stability
-
15V
R2 = ∞,
%/°C
-
0.015
-
R2 = ∞,
5V
VCOIN = 2.5V ± 0.3V,
R1 > 10kΩ
-
1
-
R2 = ∞,
10V
VCOIN = 5V ± 2.5V,
R1 > 400kΩ
-
1
-
Linearity
-
%
R2 = ∞,
15V
VCOIN = 7.5V ± 5V,
R1 ≥ 1000kΩ
-
1
-
Output Duty
-
Cycle
-
5 -15V
-
50
-
%
Input
Resistance
RIN
15
VCOIN
150
1500
-
MΩ
SOURCE FOLLOWER
PARAMETER
SYMBOL
VDD
CONDITIONS
MIN
TYPICAL
MAX
UNITS
5V
-
1.65
2.2
10V
-
1.65
2.2
VCOIN – SFOUT,
Offset Voltage
VOS
V
RSF > 500kΩ
15V
-
1.65
2.2
VCOIN = 2.5V ± 0.3V,
5V
RSF > 50kΩ
-
0.1
300
VCOIN = 5V ± 2.5V,
10V
RSF > 50kΩ
-
0.6
600
Linearity
-
%
VCOIN = 7.5V ± 5V,
15V
RSF > 50kΩ
-
0.8
1050
ZENER DIODE
Zener Voltage
VZ
-
IZ = 50µA
6.7
7
7.3
V
Dynamic
Resistance
RZ
-
IZ = 1mA
-
100
-
Ω
Page 5 of 8 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com