Electronic Components Datasheet Search
  English  ▼

X  

CD4046B Datasheet(PDF) 1 Page - Silicon Supplies

Part # CD4046B
Description  CMOS High Voltage Logic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4046B Datasheet(HTML) 1 Page - Silicon Supplies

  CD4046B Datasheet HTML 1Page - Silicon Supplies CD4046B Datasheet HTML 2Page - Silicon Supplies CD4046B Datasheet HTML 3Page - Silicon Supplies CD4046B Datasheet HTML 4Page - Silicon Supplies CD4046B Datasheet HTML 5Page - Silicon Supplies CD4046B Datasheet HTML 6Page - Silicon Supplies CD4046B Datasheet HTML 7Page - Silicon Supplies CD4046B Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
 
 CMOS High Voltage Logic – CD4046B
 
CMOS Micropower Phase Locked Loop (PLL) in bare die form
Rev 1.0
21/09/18
 
Description
Features:
 
Choice of two Phase Comparators:
 
 
 
 
 
The CD4046B phase locked loop consists of two
phase comparators, a voltage-controlled oscillator
(VCO), source follower and zener diode. The
comparators have a common signal input amplifier and
common comparator input. The zener diode is used
for power supply regulation if required.  Applications
include FM and FSK modulation / demodulation,
frequency synthesis and multiplication, frequency
discrimination, tone decoding, data synchronization
and conditioning, voltage-to-frequency conversion and
motor speed control.
-
Exclusive Or Gate, duty cycle limited
-
Rising edge switching, duty cycle unlimited
Buffered outputs compatible with MHTL and Low
power TTL
VCO inhibit control for ON-OFF keying and ultra-
low standby power consumption
Source-follower output of VCO control input
Integrated zener diode to assist supply regulation
Supply voltage range: 3V to 18V
Symmetrical output characteristics
 
 
 
 
The followi
 
ng part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
 
Ordering Information
Die Dimensions in µm (mils)
1930 (76)
 
 
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
 
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
 
LAT = Lot Acceptance Test.
 
 
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
 
 
Supply Formats:
1930 x 2210
 
 
 
 
Die Size (Unsawn)
76 x 87
µm
mils
106 x 106
Minimum Bond Pad Size
4.17 x 4.17
µm
mils
635 (±20)
Die Thickness
25 (±0.79)
µm
mils
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 635µm(25 Mils) – On request
Top Metal Composition
Al 1%Si 1.1µm
Assembled into Ceramic Package – On request
Back Metal Composition
N/A – Bare Si
Page 1 of 8 
www.siliconsupplies.com


Similar Part No. - CD4046B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4046B TI-CD4046B Datasheet
322Kb / 12P
CMOS MICROPOWER PHASE-LOCKED LOOP
CD4046B TI1-CD4046B Datasheet
941Kb / 16P
CMOS Micropower Phase-Locked Loop
CD4046B TI2-CD4046B Datasheet
962Kb / 21P
CMOS Micropower Phase-Locked Loop
Revised July 2003
CD4046B-MIL TI1-CD4046B-MIL Datasheet
941Kb / 16P
CMOS Micropower Phase-Locked Loop
CD4046B-MIL TI2-CD4046B-MIL Datasheet
962Kb / 21P
CMOS Micropower Phase-Locked Loop
Revised July 2003
More results

Similar Description - CD4046B

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4001B SS-CD4001B Datasheet
522Kb / 4P
CMOS High Voltage Logic
CD4011B SS-CD4011B Datasheet
519Kb / 4P
CMOS High Voltage Logic
CD4013B SS-CD4013B Datasheet
692Kb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B Datasheet
671Kb / 5P
CMOS High Voltage Logic
CD4049B SS-CD4049B Datasheet
608Kb / 5P
CMOS High Voltage Logic
CD4053B SS-CD4053B Datasheet
706Kb / 6P
CMOS High Voltage Logic
CD4073B SS-CD4073B Datasheet
521Kb / 5P
CMOS High Voltage Logic
CD4081B SS-CD4081B Datasheet
517Kb / 4P
CMOS High Voltage Logic
LM137 SS-LM137 Datasheet
2Mb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B_V01 Datasheet
403Kb / 5P
CMOS High Voltage Logic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com