Electronic Components Datasheet Search
  English  ▼

X  

CD4049UB Datasheet(PDF) 4 Page - Silicon Supplies

Part # CD4049UB
Description  CMOS High Voltage Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4049UB Datasheet(HTML) 4 Page - Silicon Supplies

  CD4049UB Datasheet HTML 1Page - Silicon Supplies CD4049UB Datasheet HTML 2Page - Silicon Supplies CD4049UB Datasheet HTML 3Page - Silicon Supplies CD4049UB Datasheet HTML 4Page - Silicon Supplies CD4049UB Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
CMOS High Voltage Logic – CD4049UB
Rev 1.0
18/09/18
AC Electrical Characteristics5
5. Not production tested in die form, characterized by chip design and tested in package.
DC Electrical Characteristics (Voltages referenced to V
SS)
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
5V
1
1
30
10V
2
2
60
Maximum
Quiescent
Supply Current
IDD
15V
VIN = VDD or VSS
IOUT = 0µA
4
4
120
µA
PARAMETER
SYMBOL
VDD
VIN
CONDITIONS
TYPICAL
LIMITS
UNITS
5V
5V
60
120
10V
10V
32
65
Propagation
Delay,
Low to High
tPLH,
15V
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
25
50
ns
5V
5V
32
65
10V
10V
20
40
Output
Propagation
Delay,
High to Low
tPHL
15V
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
15
30
ns
5V
5V
80
160
10V
10V
40
80
Transition
Time,
Low to High
tTLH,
15V
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
30
60
ns
5V
5V
30
60
10V
10V
20
40
Transition
Time, High to
Low
tTHL,
15V
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
15
30
ns
Input
Capacitance
CIN
-
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
15
22.5
pF
Switching Waveform



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com