Electronic Components Datasheet Search
  English  ▼

X  

CD4049UB Datasheet(PDF) 1 Page - Silicon Supplies

Part # CD4049UB
Description  CMOS High Voltage Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4049UB Datasheet(HTML) 1 Page - Silicon Supplies

  CD4049UB Datasheet HTML 1Page - Silicon Supplies CD4049UB Datasheet HTML 2Page - Silicon Supplies CD4049UB Datasheet HTML 3Page - Silicon Supplies CD4049UB Datasheet HTML 4Page - Silicon Supplies CD4049UB Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
 CMOS High Voltage Logic – CD4049UB
 
 
 
CMOS Hex Inverting Buffer / Converter in bare die form
Supply voltage range: 3V to 18V
Rev 1.0
18/09/18
Features:
Description
 
 
 
 
 
The CD4049UB features logic level conversion using
only one supply voltage, VDD. The input signal high
level (VIH) can exceed the VDD supply voltage when this
device is used for logic level conversion. This device
is intended for use as a CMOS to DTL/TTL converter
and can drive directly two DTL / TTL loads (VDD =5V,
VOL ≤ 0.4V, and IOL ≥ 3.3mA). The device finds primary
use where low power dissipation and/or high noise
immunity is desired. This part should be considered a
preferable replacement for CD4009UB or CD4010B in
any inverter, current driver, or logic level conversion
application due to its single power supply capability.
High Source and Sink Currents
VIN can exceed VDD
High-to-Low Level Logic Conversion
High Sink Current for Driving x2 TTL Loads
Maximum Input Current: 1 µA at 18 V over full
temperature range
ESD protection diodes on all inputs
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1524 x 1372
60 x 54
µm
mils
Minimum Bond Pad Size
106 x 106
4.17 x 4.17
µm
mils
Die Thickness
635 (±20)
25 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
The following part suffixes apply:
Ordering Information
Die Dimensions in µm (mils)
1524 (60)
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 635µm(25 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 5 
www.siliconsupplies.com


Similar Part No. - CD4049UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4049UB TI-CD4049UB Datasheet
77Kb / 18P
CMOS HEX BUFFERS/CONVERTERS
logo
Harris Corporation
CD4049UB HARRIS-CD4049UB Datasheet
75Kb / 10P
CMOS Hex Buffer/Converters
logo
Texas Instruments
CD4049UB TI-CD4049UB Datasheet
1Mb / 38P
CMOS Hex Buffer Converters
CD4049UB TI1-CD4049UB Datasheet
1Mb / 37P
CMOS Hex Buffer/Converters
CD4049UB TI-CD4049UB Datasheet
2Mb / 35P
CD4049UB and CD4050B CMOS Hex Inverting Buffer and Converter
REVISED JUNE 2020
More results

Similar Description - CD4049UB

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4001B SS-CD4001B Datasheet
522Kb / 4P
CMOS High Voltage Logic
CD4011B SS-CD4011B Datasheet
519Kb / 4P
CMOS High Voltage Logic
CD4013B SS-CD4013B Datasheet
692Kb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B Datasheet
671Kb / 5P
CMOS High Voltage Logic
CD4046B SS-CD4046B Datasheet
932Kb / 8P
CMOS High Voltage Logic
CD4049B SS-CD4049B Datasheet
608Kb / 5P
CMOS High Voltage Logic
CD4053B SS-CD4053B Datasheet
706Kb / 6P
CMOS High Voltage Logic
CD4073B SS-CD4073B Datasheet
521Kb / 5P
CMOS High Voltage Logic
LM137 SS-LM137 Datasheet
2Mb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B_V01 Datasheet
403Kb / 5P
CMOS High Voltage Logic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com