Electronic Components Datasheet Search
  English  ▼

X  

MSM9004 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM9004
Description  1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9004 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM9004 Datasheet HTML 5Page - OKI electronic componets MSM9004 Datasheet HTML 6Page - OKI electronic componets MSM9004 Datasheet HTML 7Page - OKI electronic componets MSM9004 Datasheet HTML 8Page - OKI electronic componets MSM9004 Datasheet HTML 9Page - OKI electronic componets MSM9004 Datasheet HTML 10Page - OKI electronic componets MSM9004 Datasheet HTML 11Page - OKI electronic componets MSM9004 Datasheet HTML 12Page - OKI electronic componets MSM9004 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
¡ Semiconductor
MSM9004-01/02
9/15
DC Characteristics (MSM9004-02)
Parameter
Symbol
Condition
Min.
Max. Unit Applicable pin
"H" Input Voltage
VIH1
—
0.8VDD
VDD
V
LOAD, CLOCK2
DATA, 3/4SEL
BLANK
"L" Input Voltage
VIL1
—
0.0
0.2VDD
V
LOAD, CLOCK2
DATA, 3/4SEL
BLANK
"H" Input Current
IIH1
VIN=VDD
–1.0
1.0
mA
LOAD, CLOCK2
DATA, 3/4SEL
IIH2
VIN=VDD
–3.0
3.0
mA
BLANK
"L" Input Current
IIL1
VDD=5.5 V, VIN=0 V
–1.0
1.0
mA
LOAD, CLOCK2
DATA, 3/4SEL
IIL2
VDD=5.5 V, VIN=0 V
–160
–20
mA
BLANK
RONV1
—60
kW
SEG1-49
RONV1
—20
kW
COM1-4
ON Resistance (SEG)
Dynamic Supply Current
IDD
—
1.00
mA
VDD
IO=±10 mA
IO=±30 mA
VDD=4.5 V
VLC1= VDD
VLC2= VDD
VLC3=VSS
2
3
1
3
fCP2=1 MHz
1/4 duty
COM1-4 : No Load
SEG1-49 : No Load
(Ta= –40 to +85°C, VDD=4.5 to 5.5 V, VDD–VLC3=3.7 V to VDD)
RONV0
RONV2
RONV3
RONV0
RONV2
RONV3
IO=–10 mA
IO=±10 mA
IO= 10 mA
IO=–30 mA
IO=±30 mA
IO= 30 mA
ON Resistance (COM)
*1
* 1:
For input data, input a logic "0" and a logic "1" to LCD display bits alternately.
External resistor for oscillation : RO = 62 kW
External capacitor for oscillation : CO = 0.01 mF
The tr, and tf time for the CLOCK2, DATA and LOAD pins must be less than 20ns.
The current that flows through the external resistor and capacitor is not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com