Electronic Components Datasheet Search
  English  ▼

X  

MSM9004 Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM9004
Description  1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9004 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM9004 Datasheet HTML 6Page - OKI electronic componets MSM9004 Datasheet HTML 7Page - OKI electronic componets MSM9004 Datasheet HTML 8Page - OKI electronic componets MSM9004 Datasheet HTML 9Page - OKI electronic componets MSM9004 Datasheet HTML 10Page - OKI electronic componets MSM9004 Datasheet HTML 11Page - OKI electronic componets MSM9004 Datasheet HTML 12Page - OKI electronic componets MSM9004 Datasheet HTML 13Page - OKI electronic componets MSM9004 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
¡ Semiconductor
MSM9004-01/02
10/15
AC Characteristics
Parameter
Symbol
Condition
Min.
Max.
Unit
System Clock Frequency
fCP1
Not applied to MSM9004-02
1.5
4.3
kHz
System Clock Pulse Width
tWCP1
Not applied to MSM9004-02
1.0
—
ms
Data Clock Frequency
fCP2
—
2.0
MHz
—
Data Clock Pulse Frequency
tWCP2
200
—
ns
—
Data Setup Time
tSU
100
—
ns
—
Data Hold Time
tHD
100
—
ns
—
Load Pulse Width
tWLD
200
—
ns
—
Clock-Load Time
tCL
200
—
ns
—
Load-Clock Time
tLC
200
—
ns
—
Rise Time
tr
—
100
ns
—
Fall Time
tf
—
100
ns
—
(Ta= –40 to +85°C, VDD=4.5 to 5.5 V, VDD–VLC3 = 3.7 V to VDD)
0.15VDD
0.85VDD
CLOCK1
* 1
0.2VDD
0.8VDD
CLOCK2
0.2VDD
0.8VDD
DATA
0.2VDD
0.8VDD
LOAD
tr
twCP1
twCP1
tf
tr
twCP2
twCP2
tf
tSU
tHD
1/fCP1
1/fCP2
tWLD
tCL
tLC
tr
tf
tr
tf
*1 Not applied to MSM9004-02.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com