Electronic Components Datasheet Search
  English  ▼

X  

DS Datasheet(PDF) 2 Page - TOKYO SEIMITSU CO., LTD

Part # DS
Description  Higher cutting ability, better cutting quality
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DS Datasheet(HTML) 2 Page - TOKYO SEIMITSU CO., LTD

  DS Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD DS Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NICKEL BOND BLADES
■ Production Range
■ Production Range
Shape
Slit
1A8
S
Lapping
L
Grit type
Grit size
D
40/60
-
Type
MDS
Available range is 0.2 ≤ T ≤ T0.25T for 30/40S and 40/60S
H
M
S
S
SN
SW
L
H
D
T
578: NICKEL BOND BLADES(DS)
Grit
size
(um)
Grit
size
(um)
2/4
3/5
4/6
4/8
5/10
6/12
8/16
8/20
12/25
20/30
30/40
40/60
Mesh
size
4000
3500
2500
2000
1300
1200
1000
800
700
600
500
400
325
2/4
3/5
4/6
4/8
5/10
6/12
8/16
8/20
12/25
20/30
30/40
40/60
4000
3500
2500
2000
1300
1200
1000
800
700
600
500
400
325
0.025<T
<0.03
●
●
●
●
0.03<T
<0.04
●
●
●
●
●
0.04<T
<0.05
●
●
●
●
●
●
0.05<T
<0.06
●
●
●
●
●
●
●
0.06<T
<0.08
●
●
●
●
●
●
●
●
●
0.08<T
<0.1
●
●
●
●
●
●
●
●
●
●
0.1<T
<0.12
●
●
●
●
●
●
●
●
●
●
●
0.12<T
<0.2
●
●
●
●
●
●
●
●
●
●
●
●
0.2<T
<0.4
●
●
●
●
●
●
●
●
●
●
●
●
●
Blade thickness (mm)
PRECISION ACCRETECH BLADE
DS type
■ Specification and Notation
■Concentration
■Slit
■Lapping process
*1 #325 is ±0.01.
*2 0.025
~0.05 is ±0.003
High
Standard
Low
Standard
type
Slant
type
Sawing
type
Lapping
Mesh
size
2968-2, Ishikawa-machi, Hachioji-city, Tokyo 192-0032, Japan TEL.+81(42)642-0390 FAX.+81(42)642-0484
http://www.accretech.jp
■
Ordering the product
1) Shape and size/ Detailed blade shape and precision etc.
2) Specifications/ Desired specification as well as the current in-use blade etc.
3) Cutting work and condition/ Machine in use, RPM, feed speed, coolant flow rate etc.
When ordering our product, please refer to our catalog and let
us know the details of the product as below.
■
Precautions
* The catalog is subject to change without notice.
* The catalog is not to guarantee the product quality.
In order to use the product safely and to bring out the best of the
blade's performance, please make sure to thoroughly read the
specifications and other related materials of the product.
Drawing Notation
O.D./D
+0.1/-0
50≦D<53
53≦D<58
58≦D<62
62≦D<80
80≦D≦100
Blade thickness/T(mm)
±0.005 *1
0.025≦T≦0.4 *2
0.04≦T≦0.4 *2
0.05≦T≦0.4
0.08≦T≦0.4
0.1≦T≦0.4
40
40≦H≦88.9
I.D./H(mm)
H6
By blade exposure
Depth of slit/d
(mm)
0.5, 1, 2, 3
Width of slit/W
(mm)
8, 16, 32, 64
No. of slit/N
O.D.
Blade thickness
I.D.
Depth of slit
Width of slit
No. of slit
56D
0.1T
40H
2d
1W
16N
■ Dimension and Notation
■ Production
Range
H
●
●
●
●
●
●
●
●
●
●
●
●
●
M
●
●
●
●
●
●
●
●
●
●
●
S
●
●
●
●
●
●
Concentration
C-93-578-E-1809A
TOKYO SEIMITSU



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com