Electronic Components Datasheet Search
  English  ▼

X  

DS Datasheet(PDF) 1 Page - TOKYO SEIMITSU CO., LTD

Part # DS
Description  Higher cutting ability, better cutting quality
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DS Datasheet(HTML) 1 Page - TOKYO SEIMITSU CO., LTD

  DS Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD DS Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Higher cutting ability, better cutting quality,
and longer blade life.
Its stability and performance contribute to the
long-running series for over 20 years.
Processing example
Nickel blade (DS type)
NICKEL BOND BLADES
DS type
UV-TAPE (PET TYPE)
30,000 min-1
150mm/sec
UV-TAPE (PO TYPE)
18,000 1/min-1
50mm/sec
PRECISION ACCRETECH BLADE
Through hole cutting
Electrode cutting
High accuracy and high-speed cutting.
Excellence in blade rigidity and abrasion resistance.
Sharp cutting ability, effective on burrs occurring.
3 concentration levels are available.
Expansion of the application by adding variations
to the slit shape.
578: NICKEL BOND BLADES(DS)
High-quality and high-speed
cutting enable removing of
burrs from through holes
completely.
Accumulated application
technologies can meet any
demand for burr reduction.
TOKYO SEIMITSU


Similar Description - DS

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638161400 MOLEX11-0638161400 Datasheet
31Kb / 1P
Power Cutting Tool Head
logo
Rosenberger Hochfrequen...
02W004-000 ROSENBERGER-02W004-000 Datasheet
35Kb / 1P
CUTTING BIT
logo
PHOENIX CONTACT
CUTFOX-62 PHOENIX-CUTFOX-62 Datasheet
48Kb / 2P
Superb cutting quality
logo
Harwin Plc
Z1022-00 HARWIN-Z1022-00 Datasheet
122Kb / 1P
HAND CUTTING TOOL
logo
TOKYO SEIMITSU CO., LTD
DRESSING-PLATE ACCRETECH-DRESSING-PLATE Datasheet
368Kb / 2P
Dressing plate that maintains the performance stability and cutting ability
logo
PHOENIX CONTACT
1205985 PHOENIX-1205985 Datasheet
48Kb / 2P
Cutting tool - CUTFOX FB
1212474 PHOENIX-1212474 Datasheet
49Kb / 2P
Cutting tool - CUTFOX-CD
1104980 PHOENIX-1104980 Datasheet
58Kb / 3P
Cutting tool - PPS COMPACT
1139725 PHOENIX-1139725 Datasheet
52Kb / 2P
Cutting tool - CUTFOX-MPS
logo
Weidmuller
9204260000 WEIDMULLER-9204260000 Datasheet
128Kb / 2P
Accessories, Spare cutting blade
September 28, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com