Electronic Components Datasheet Search
  English  ▼

X  

FPT705 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # FPT705
Description  Dual conductor, high current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FPT705 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  FPT705 Datasheet HTML 1Page - Eaton All Rights Reserved. FPT705 Datasheet HTML 2Page - Eaton All Rights Reserved. FPT705 Datasheet HTML 3Page - Eaton All Rights Reserved. FPT705 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 4451
Effective September 2017
FPT705
Dual conductor, high current power inductors
www.eaton.com/electronics
Recommended Pad Layout
Schematic
7.8
±0.5
A
5.35
max
7.2
±0.3
7.0
±0.3
1.25
±0.1
0.1
typ
0.60
±0.20
1.5
±0.25
3.7
1.7
1.0
7.9
1.65
0.40
Resist area
B
Product Specifications
Part Number5
OCL1
(nH) ±10%
Irms2
(A)
Isat3
(A)
DCR (mΩ)
@ +20 °C
±0.15 mΩ
FPT705-170-R
170 (±12%)
13
31
0.65
FPT705-190-R
190
13
28
0.65
FPT705-200-R
200
13
25
0.65
FPT705-230-R
230
13
23
0.65
FPT705-270-R
270
13
19
0.65
FPT705-300-R
300
13
17
0.65
1. Open Circuit Inductance (OCL) Test Parameters: 1.0 MHz, 0.1 Vrms, 0.0 Adc, +25 °C
2. Irms: DC current for an approximate temperature rise of 40 °C without core loss. Derating is necessary for AC currents.
PCB layout, trace thickness and width, air-flow, and proximity of other heat generating components will affect the
temperature rise. It is recommended that the temperature of the part not exceed +125 °C under worst case operating
conditions verified in the end application.
3. Isat Peak current for approximately 2% rolloff @ +25 °C
4. DCR tested from pins (1-2) and pins (4-3)
5. Part Number Definition: FPT705-xxx-R
FPT705 = Product code and size
xxx= Inductance value in nH,
-R suffix = RoHS compliant
Dimensions (mm)
Packaging information (mm)
Supplied in tape and reel packaging, 1,000 parts per 13” diameter reel
Part marking: FPT705, xxx=inductance value in nH, wwllyy= date code R= revision level
Soldering surfaces to be coplanar within 0.10 millimeters
DCR is measured from point “a” to point “b”
Pins 2 and 4 are connected through the PCB trace
Do not route traces or vias underneath the inductor
4.0
1.5 dia
1.5 dia
2.0
1.75
16.0
±0.3
7.5
8.2
5.55
12.0
7.4
Direction of Feed
Section A–A
A
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com