Electronic Components Datasheet Search
  English  ▼

X  

FPT705 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # FPT705
Description  Dual conductor, high current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FPT705 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  FPT705 Datasheet HTML 1Page - Eaton All Rights Reserved. FPT705 Datasheet HTML 2Page - Eaton All Rights Reserved. FPT705 Datasheet HTML 3Page - Eaton All Rights Reserved. FPT705 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data 4451
Effective September 2017
FPT705
Dual conductor, high current power inductors
www.eaton.com/electronics
Inductance characteristics
30%
40%
50%
60%
70%
80%
90%
100%
110%
5
010152025303540455055
Idc (A)
FPT705-170-R
-
30%
40%
50%
60%
70%
80%
90%
100%
0
110%
5101520253035404550
Idc (A)
FPT705-190-R
30%
40%
50%
60%
70%
80%
90%
100%
110%
5
0101520253035404550
FPT705-200-R
Idc (A)
FPT705-200-R, FPT705-230-R
FPT705-230-R
30%
40%
50%
60%
70%
80%
90%
100%
110%
05
10
15
20
25
30
35
40
Idc (A)
FPT705-270-R
FPT705-270-R, FPT705-300-R
FPT705-300-R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com