Electronic Components Datasheet Search
  English  ▼

X  

HCM1A1305-330-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # HCM1A1305-330-R
Description  Automotive grade High current power inductors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM1A1305-330-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  HCM1A1305-330-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 5Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 6Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 7Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 8Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Technical Data
10551
Effective September 2016
HCM1A1305
Automotive grade high current power inductors
www.eaton.com/electronics
Product Specifications
Part Number6
OCL1
(μH) ± 20%
FLL2 (μH)
minimum
I
rms
3
(A)
I
sat
4
(A)
DCR (mΩ)
typical @ +20°C
DCR (mΩ)
maximum @ +20°C
K-factor5
HCM1A1305-R10-R
0.10
0.064
43
80
0.52
0.59
818
HCM1A1305-R22-R
0.22
0.14
40
44
0.63
0.72
458
HCM1A1305-R33-R
0.33
0.21
35
44
0.80
0.92
379
HCM1A1305-R47-R
0.47
0.30
33
36
0.80
0.92
375
HCM1A1305-R56-R
0.56
0.36
28
36
1.15
1.33
265
HCM1A1305-R68-R
0.68
0.44
27
32
1.15
1.33
263
HCM1A1305-R82-R
0.82
0.52
26
26
1.4
1.61
262
HCM1A1305-1R0-R
1.0
0.64
22
30
2.1
2.42
214
HCM1A1305-1R5-R
1.5
0.96
18
22
2.75
3.16
177
HCM1A1305-1R8-R
1.8
1.15
16
20
4.0
4.6
154
HCM1A1305-2R2-R
2.2
1.41
15
18
4.6
5.29
153
HCM1A1305-3R3-R
3.3
2.11
12
16
7.7
9.2
134
HCM1A1305-4R7-R
4.7
3.01
9.3
15
11
12.7
102
HCM1A1305-5R6-R
5.6
3.58
8.8
15
12
13.8
89
HCM1A1305-6R0-R
6.0
3.84
8.1
12.5
12.5
14.5
90
HCM1A1305-6R8-R
6.8
4.35
8.3
13
13
15
74
HCM1A1305-7R8-R
7.8
4.99
7.6
15
16.8
19.4
70
HCM1A1305-8R2-R
8.2
5.25
7.3
13
17.5
20.1
67
HCM1A1305-100-R
10
6.40
6.8
13
19
21.9
65
HCM1A1305-120-R
12
7.68
5.5
9.0
21
24
81
HCM1A1305-150-R
15
9.6
5.8
11
29
33.4
49
HCM1A1305-220-R
22
14.1
3.5
6.8
45
51.8
43
HCM1A1305-330-R
33
21.1
4.0
7.0
74.5
85.5
32
1. Open Circuit Inductance (OCL) Test Parameters: 100 kHz, 0.25 V
rms, 0.0 Adc, +25 °C
2. Full Load Inductance (FLL) Test Parameters: 100 kHz, 0.25 V
rms, Isat, , +25 °C
3. Irms: DC current for an approximate temperature rise of 30 °C without core loss. Derating is necessary for AC currents.
PCB layout, trace thickness and width, air-flow, and proximity of other heat generating components will affect the
temperature rise. It is recommended that the temperature of the part not exceed 155 °C under worst case operating
conditions verified in the end application.
4. Isat: Peak current for approximately 20% rolloff @ +25 °C
5. K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ΔI. Bp-p: (Gauss), K: (K-factor from table),
L: (Inductance in μH), ΔI (Peak to peak ripple current in Amps).
6. Part Number Definition: HCM1A1305-xxx-R
HCM1A1305 = Product code and size
xxx= inductance value in μH, R= decimal point,
If no R is present then last character equals number of zeros
-R suffix = RoHS compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com