Electronic Components Datasheet Search
  English  ▼

X  

HCM1A1305-330-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # HCM1A1305-330-R
Description  Automotive grade High current power inductors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM1A1305-330-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  HCM1A1305-330-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 5Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 6Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 7Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 8Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Technical Data
10551
Effective September 2016
HCM1A1305
Automotive grade high current power inductors
www.eaton.com/electronics
Packaging information (mm)
Drawing not to scale
Supplied in tape and reel packaging, 250 parts per 13” diameter reel
Part marking: 1AXXX=automotive grade, XXX=inductance value in uH, R=decimal point. If no R is present then last character equals number of zeros.
xxxx=Lot code
All soldering surfaces to be coplanar within 0.1 millimeters
Tolerances are ±0.3 millimeters unless stated otherwise
DCR measured from point “a” to point “b”
Color: Grey
Do not route traces or vias underneath the inductor
Dimensions (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com