Electronic Components Datasheet Search
  English  ▼

X  

MSM9210 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM9210
Description  32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9210 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM9210 Datasheet HTML 8Page - OKI electronic componets MSM9210 Datasheet HTML 9Page - OKI electronic componets MSM9210 Datasheet HTML 10Page - OKI electronic componets MSM9210 Datasheet HTML 11Page - OKI electronic componets MSM9210 Datasheet HTML 12Page - OKI electronic componets MSM9210 Datasheet HTML 13Page - OKI electronic componets MSM9210 Datasheet HTML 14Page - OKI electronic componets MSM9210 Datasheet HTML 15Page - OKI electronic componets MSM9210 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
¡ Semiconductor
MSM9210
12/19
Segment Data Input [Function Mode: 0 to 3]
• MSM9210 receives the segment data when function mode 0 to 3 are selected.
• The same segment data is transferred to the 3 segment data latches corresponding to GRID 1
to 3 at the same time when the function mode 0 is selected.
• The segment data is transferred to only one segment data latch corresponding to the specified
GRID when the function mode is 1, 2 or 3 is selected.
• Segment output (SEG1 to 32) becomes High level (lightning) when the segment data (S1 to S32)
is set to "1".
[Data Format]
Input Data
: 35 bits
Segment Data : 32 bits
Mode Data
: 3 bits
FUNCTIONAL DESCRIPTION
Power-on Reset
When power is turned on, MSM9210 is initialized by the internal power-on reset circuit.
The status of the internal circuit after initialization is as follows:
• The contents of the shift registers and latches are set to "0".
• The digital dimming duty cycle is set to "0".
• All segment outputs are set to Low level.
• All grid outputs are set to High level.
Data Transfer Method
Data can be transferred between the rising edge and the next falling edge of chip select input.
The mode data, segment data and dimming data are written by a serial transfer method. The
serial data is input to the shift register at the rising edge of a shift clock pulse.
The mode data (M0 to M2) must be transferred after the segment data and dimming data
succeedingly.
When the chip select input falls, an internal LOAD signal is automatically generated and data is
loaded to the latches.
Function Mode
Function mode is selected by the mode data (M0 to M2). The relation between function mode and
mode data is as follows:
FUNCTION MODE
OPERATING MODE
FUNCTION DATA
M0
M1
M2
000
0
Segment Data for GRID1-3 Input
100
1
Segment Data for GRID1 Input
010
2
Segment Data for GRID2 Input
110
3
Segment Data for GRID3 Input
001
4
Digital Dimming Data Input
1
S1
2
S2
3
S3
4
S4
29
S29
30
S30
31
S31
32
S32
33
M0
34
M1
35
M2
Bit
Input Data
Segment Data (32bits)
Mode Data
(3bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com