Electronic Components Datasheet Search
  English  ▼

X  

MSM9210 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM9210
Description  32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9210 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM9210 Datasheet HTML 9Page - OKI electronic componets MSM9210 Datasheet HTML 10Page - OKI electronic componets MSM9210 Datasheet HTML 11Page - OKI electronic componets MSM9210 Datasheet HTML 12Page - OKI electronic componets MSM9210 Datasheet HTML 13Page - OKI electronic componets MSM9210 Datasheet HTML 14Page - OKI electronic componets MSM9210 Datasheet HTML 15Page - OKI electronic componets MSM9210 Datasheet HTML 16Page - OKI electronic componets MSM9210 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
¡ Semiconductor
MSM9210
13/19
[Bit correspondence between segment output and segment data]
1
S1
17
S17
2
S2
18
S18
3
S3
19
S19
4
S4
20
S20
5
S5
21
S21
6
S6
22
S22
7
S7
23
S23
8
S8
24
S24
9
S9
25
S25
10
S10
26
S26
11
S11
27
S27
12
S12
28
S28
13
S13
29
S29
14
S14
30
S30
15
S15
31
S31
16
S16
32
S32
SEG n
Segment data
SEG n
Segment data
Digital Dimming Data Input [Function Mode: 4]
• MSM9210 receives the digital dimming data when function mode 4 is selected.
• The output duty changes in the range of 0/1024 (0%) to 1016/1024 (99.2%) for each grid.
• The 10-bit digital dimming data is input from LSB.
[Data Format]
Input Data
: 13 bits
Digital Dimming Data: 10 bits
Mode Data
: 3 bits
1
D1
2
D2
3
D3
4
D4
7
D7
8
D8
9
D9
10
D10
11
M0
12
M1
13
M2
Bit
Input Data
Digital Dimming Data (10bits)
Mode Data
(3bits)
5
D5
6
D6
D10
0
0
1
1
1
1
D9
0
0
1
1
1
1
D8
0
0
1
1
1
1
D7
0
0
1
1
1
1
D6
0
0
1
1
1
1
D5
0
0
1
1
1
1
D4
0
0
0
1
1
1
D3
0
0
1
0
0
1
D2
0
0
1
0
0
1
D1
0
1
1
0
1
1
Dimming Data
(MSB)
(LSB)
Duty Cycle
0/1024
1/1024
1015/1024
1016/1024
1016/1024
1016/1024
LSB
MSB
Master Mode
Master Mode is selected when M/S pin is set at High level. The master mode operation is as
follows:
• The input levels of DIM IN, SYNC IN1 and SYNC IN2 are ignored, and these pins should be
connected to L-GND or VDD.
• The pulse width of GRID1 to 3 and SEG1 to 32 are controlled by the internal digital dimming
circuit.
• The segment Latch1 to 3 corresponding to GRID1 to 3 are selected by the internal timing
generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com