Electronic Components Datasheet Search
  English  ▼

X  

FP6141 Datasheet(PDF) 3 Page - Fitipower Integrated Technology Inc.

Part # FP6141
Description  100mA Ultra-Low Quiescent Current Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6141 Datasheet(HTML) 3 Page - Fitipower Integrated Technology Inc.

  FP6141 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6141 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6141 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6141 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6141 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6141 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6141 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6141 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6141 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FP6141-1.4-MAR-2012
FP6141
fitipower integrated technology lnc.
Block Diagram
Error
Amp
Current
Limit
Thermal
Shutdown
_
+
Vref
VIN
VOUT
GND
RSEN
PMOS
R2
Power
Shutdown
EN
CF
R1
Figure 3. Block Diagram of FP6141
Absolute Maximum Ratings
● VIN, E
to GND ------------------------------------------------------------------------------------------------
------------------------------------------------------------------------------
+6V
● Power Dissipation @25°C, (P
D)
SOT-23-3 ----------------------------------------------------------------------------------------------- +0.4W
SOT-23-5 ----------------------------------------------------------------------------------------------- +0.4W
TDFN-6 (1.6mm×1.6mm) -------------------------------------------------------------------------- +0.63W
● Package Thermal Resistance, (θ
JA)
SOT-23-3 ----------------------------------------------------------------------------------------------- +250°C/W
SOT-23-5 ----------------------------------------------------------------------------------------------- +250°C/W
TDFN-6 (1.6mm×1.6mm) -------------------------------------------------------------------------- +160°C/W
● Maximum Junction Temperature (T
J) ----------------------------------------------------------------------- +150°C
● Storage Temperature Range (T
STG) ------------------------------------------------------------------------- -65°C to +150°C
● Lead Temperature (Soldering, 10sec.) --------------------------------------------------------------------- +260°C
Note 3:
Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device.
Recommended Operating Conditions
● Input Voltage (V
IN) ----------------------------------------------------------------------------------------------- +2.0V to +5.5V
● Operating Temperature Range (T
OPR) ---------------------------------------------------------------------- -40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com