Electronic Components Datasheet Search
  English  ▼

X  

FP6141 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6141
Description  100mA Ultra-Low Quiescent Current Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6141 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6141 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6141 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6141 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6141 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6141 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6141 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6141 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6141 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6141 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
FP6141-1.4-MAR-2012
FP6141
fitipower integrated technology lnc.
100mA Ultra-Low Quiescent Current
Low Dropout Regulator
Pin Assignments
S3 Package (SOT-23-3)
1
2
3
VOUT
GND
VIN
S5 Package (SOT-23-5)
VIN GND
2
1
3
5
4
EN
NC
VOUT
WD Package (TDFN-6)(1.6mm×1.6mm)
1
4
5
6
3
2
NC
GND
NC
VOUT
VIN
EN
GND
Figure 1. FP6141 Pin Assignments
Ordering Information
Note 1:Please consult Fitipower sales office or authorized
distributors
for
availability
of
special
output
voltages.
Description
The FP6141 is a CMOS low dropout voltage (LDO)
regulator with ultra-low quiescent current of 4µA,
designed for battery-operated applications.
Wide
range of output voltages can be used, ranging from
1.2V to 3.3V.
Other features include current limit protection,
thermal shutdown protection and high output voltage
accuracy.
The requirement of only 1µF input and
output capacitor makes it ideal in space-sensitive
applications.
The FP6141 is available in space saving SOT-23-3,
SOT-23-5 and TDFN-6 packages.
Features
● Ultra-Low Quiescent Current at 4µA
● High Output Voltage Accuracy at ±2%
● Low Dropout Voltage of 250mV at 100mA
● Operating Voltage Range from 2V to 5.5V
● Current Limit Protection
● Thermal Shutdown Protection
● 1µF Output Capacitor Required for Stability
● Chip Enable Control (FP6141XXS5 and
FP6141XXWD only)
● RoHS Compliant
Applications
● Battery-Powered Equipment
● Notebook Computer
● Hand-Held Instrument
● DSC
FP6141-
□□□□
Output Voltage
12: 1.2V
25: 2.5V
15: 1.5V
30: 3.0V
18: 1.8V
33: 3.3V
G: Green
TR: Tape/Reel
Package Type
S3: SOT-23-3
S5: SOT-23-5
WD: TDFN-6 (1.6mm×1.6mm)


Similar Part No. - FP6141

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6142 FITIPOWER-FP6142 Datasheet
488Kb / 10P
500mA Low Noise LDO with Soft-Start and Output Discharge Function
FP6142-15C5G FITIPOWER-FP6142-15C5G Datasheet
488Kb / 10P
500mA Low Noise LDO with Soft-Start and Output Discharge Function
FP6142-15C5P FITIPOWER-FP6142-15C5P Datasheet
488Kb / 10P
500mA Low Noise LDO with Soft-Start and Output Discharge Function
FP6142-15S5G FITIPOWER-FP6142-15S5G Datasheet
488Kb / 10P
500mA Low Noise LDO with Soft-Start and Output Discharge Function
FP6142-15S5P FITIPOWER-FP6142-15S5P Datasheet
488Kb / 10P
500mA Low Noise LDO with Soft-Start and Output Discharge Function
More results

Similar Description - FP6141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
logo
Micrel Semiconductor
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
logo
Diodes Incorporated
AP7363 DIODES-AP7363 Datasheet
299Kb / 14P
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
Rev 2
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX17651 MAXIM-MAX17651 Datasheet
528Kb / 8P
60V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev 1; 3/16
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP4681 ONSEMI-NCP4681 Datasheet
340Kb / 18P
Ultra Low Quiescent Current, Low Dropout Regulator
September, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com