Electronic Components Datasheet Search
  English  ▼

X  

FP6142 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6142
Description  500mA Low Noise LDO with Soft-Start and Output Discharge Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6142 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6142 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6142 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6142 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6142 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6142 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6142 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6142 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6142 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6142 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
FP6142-1.5-MAY-2013
FP6142
fitipower integrated technology lnc.
500mA Low Noise LDO with
Soft-Start and Output Discharge Function
Pin Assignments
S5 Package (SOT-23-5)
2
1
3
5
4
GND
VOUT
VIN
SS
EN
C5 Package (SC-70-5)
2
1
3
5
4
GND
VOUT
VIN
SS
EN
Figure 1. FP6142 Pin Assignments
Ordering Information
Note:
Please
consult
Fitipower
sales
office
or
authorized distributors for availability of special
output voltages.
Description
The FP6142 is a family of CMOS low dropout (LDO)
regulators with a low dropout voltage of 250mV at
500mA designed for noise-sensitive portable device,
RF and wireless applications.
Quiescent current of
FP6142 is as low as 50
μA and it works with low-ESR
ceramic capacitors, which makes it very suitable for
space sensitive handheld applications.
The soft-start
function will eliminate current surges during start-up
and the output discharge function will dissipate the
residue
output
voltage
in
the
capacitor
during
shut-down.
Other features include current limit, thermal protection,
high output accuracy, and low noise output etc..
The FP6142 is available in both SOT-23-5 and
SC-70-5 packages.
Features
Ultra-Low Dropout Voltage of 250mV at 500mA
Wide Operating Voltage Ranges from 2.2V to
5.5V
Low Quiescent Current at 50
μA
Programmable Soft Start
5mA Discharge Current of VOUT when IC
Shutdown
Low Output Noise
Fast Response in Line/Load Transient
Current Limit Protection
Thermal Shutdown Protection
1µF Output Capacitor Required for Stability
RoHS Compliant
Applications
Digital Still Camera
CDMA/GSM Cellular-Handset
Portable Information Appliance
Laptop, Palmtop and Notebook Computer
Mini PCI, PCI-Express and PCMCIA Card
FP6142-
□□□□
Output Voltage
15: 1.5V
30: 3.0V
18: 1.8V
31: 3.1V
25: 2.5V
33: 3.3V
28: 2.8V
P: Green
G: Green
TR: Tape/Reel
Package Type
S5: SOT-23-5
C5: SC-70-5


Similar Part No. - FP6142

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6141 FITIPOWER-FP6141 Datasheet
498Kb / 10P
100mA Ultra-Low Quiescent Current Low Dropout Regulator
FP6141-12S3GTR FITIPOWER-FP6141-12S3GTR Datasheet
498Kb / 10P
100mA Ultra-Low Quiescent Current Low Dropout Regulator
FP6141-12S5GTR FITIPOWER-FP6141-12S5GTR Datasheet
498Kb / 10P
100mA Ultra-Low Quiescent Current Low Dropout Regulator
FP6141-12WDGTR FITIPOWER-FP6141-12WDGTR Datasheet
498Kb / 10P
100mA Ultra-Low Quiescent Current Low Dropout Regulator
FP6141-15S3GTR FITIPOWER-FP6141-15S3GTR Datasheet
498Kb / 10P
100mA Ultra-Low Quiescent Current Low Dropout Regulator
More results

Similar Description - FP6142

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1152 UTC-L1152 Datasheet
148Kb / 5P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
L1152 UTC-L1152_11 Datasheet
166Kb / 5P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
logo
Leadtrend Technology
LD6919 LEADTREND-LD6919 Datasheet
297Kb / 14P
500mA, Ultra-Low Noise, High PSRR CMOS LDO Regulator with Soft Start Function
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
500mA LDO with soft-start
MM3526 MITSUMI-MM3526 Datasheet
2Mb / 22P
500mA LDO with soft-start
logo
New Japan Radio
NJM12856 NJRC-NJM12856 Datasheet
428Kb / 14P
LDO with Reverse Current Protection / Soft Start / Discharge Function
Ver.2015-07-21
NJM12877 NJRC-NJM12877 Datasheet
443Kb / 15P
LDO with Reverse Current Protection / Soft Start / Discharge Function
Ver.2015-08-26
NJM12884-H NJRC-NJM12884-H Datasheet
786Kb / 18P
LDO with Reverse Current Protection / Soft Start / Discharge Function
Ver.2.4
NJM12884 NJRC-NJM12884 Datasheet
448Kb / 14P
LDO with Reverse Current Protection / Soft Start / Discharge Function
Ver.2015-07-28
NJM12888 NJRC-NJM12888 Datasheet
713Kb / 15P
LDO with Reverse Current Protection / Soft Start / Discharge Function
Ver.2015-08-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com