Electronic Components Datasheet Search
  English  ▼

X  

FP6142 Datasheet(PDF) 10 Page - Fitipower Integrated Technology Inc.

Part # FP6142
Description  500mA Low Noise LDO with Soft-Start and Output Discharge Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6142 Datasheet(HTML) 10 Page - Fitipower Integrated Technology Inc.

Back Button FP6142 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6142 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6142 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6142 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6142 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6142 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6142 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6142 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6142 Datasheet HTML 10Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
FP6142-1.5-MAY-2013
FP6142
fitipower integrated technology lnc.
Outline Information (Continued)
SC-70-5 Package (Unit: mm)
SYMBOLS
UNIT
DIMENSION IN MILLIMETER
MIN
MAX
A
0.90
1.10
A1
0.00
0.10
A2
0.90
1.00
b
0.15
0.35
D
1.80
2.20
E1
1.80
2.40
E
1.15
1.35
e
0.55
0.75
L
0.26
0.46
Carrier Dimensions
Life Support Policy
Fitipower’s products are not authorized for use as critical components in life support devices or other medical systems.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com