Electronic Components Datasheet Search
  English  ▼

X  

FP6146 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6146
Description  300mA Low Noise High PSRR LDO with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6146 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6146 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6146 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6146 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6146 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6146 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6146 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6146 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6146 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6146 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
FP6146-2.1-APR-2014
FP6146
85T
fitipower integrated technology lnc.
300mA Low Noise High PSRR
LDO with Shutdown
Description
The FP6146 is a low dropout, low noise, high PSRR,
very low quiescent current positive linear regulator.
The FP6146 can supply 200mA output current with
low dropout voltage at about 300mV that optimized
for battery-powered systems or portable wireless
devices such as mobile phones. The shutdown
function can provide remote control for the external
signal to decide the on/off state of FP6146 that
consumes less than 0.1µA during shutdown mode.
The FP6146 regulator is able to operate with output
capacitors as small as 1µF for stability.
Other than
the current limit protection, FP6146 also offers the on
chip thermal shutdown feature providing protection
against overload or any condition when the ambient
temperature
exceeds
the
maximum
junction
temperature.
The FP6146 offers high precision output voltage of
2%.
It is housed in low-profile, space-saving
SOT-23-3,
SOT-23-5,
TSOT-23-5,
TDFN-6
(1.6mm× 1.6mm), SC-82-4 and SC-70-5 packages.
Features
Low Dropout Voltage of 300mV at 200mA
Low
30μVrms Output Noise
Guaranteed 300mA Output Current
High Power Supply Rejection Ratio of 70dB at
10kHz
Very Low Quiescent Current at 35µA
Max.
2% Output Voltage Accuracy
Needs Only 1µF Capacitor for Stability
Fast Response in Line/Load Transient
Thermal Shutdown Protection
Current Limit Protection
Low-ESR Ceramic Capacitor for Output Stability
Miniature Packages:
SOT-23-3,
SOT-23-5,
TSOT-23-5,
TDFN-6
(1.6mm× 1.6mm), SC-82-4 and SC-70-5
RoHS Compliant
Applications
Mobile Phones
Notebook, Sub-Notebook and Tablet Computers
DSC
Portable Information Appliances
Battery Power Systems
Pin Assignments
S5 Package (SOT-23-5)
2
1
3
4
5
VIN GND
VOUT
NC
SHDN
S3 Package (SOT-23-3)
1
2
3
GND
VOUT
VIN
Ordering Information
FP6146-
□□□□
TR: Tape/Reel
G: Green
Package Type
S3: SOT-23-3
S5: SOT-23-5
S8: TSOT-23-5
WD: TDFN-6 (1.6mm×1.6mm)
C8: SC-82-4
C5: SC-70-5
Output Voltage
11: 1.1V
27: 2.7V
12: 1.2V
28: 2.8V
15: 1.5V
30: 3.0V
18: 1.8V
31: 3.1V
25: 2.5V
33: 3.3V
26: 2.6V
36: 3.6V
Note 1: Please consult Fitipower sales office or authorized
distributors for availability of special output voltages.


Similar Part No. - FP6146

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP6146 APITECH-FP6146 Datasheet
45Kb / 1P
RF AMPLIFIER
More results

Similar Description - FP6146

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
300mA High PSRR, Low-Noise LDO Regulators
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
300mA, High PSRR Low-Noise LDO
logo
Taiwan Semiconductor Co...
TS9008DCX5 TSC-TS9008DCX5 Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
TS9008PCX5 TSC-TS9008PCX5 Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
300mA High PSRR Low Noise LDO
logo
Diodes Incorporated
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 4
AP7343 DIODES-AP7343 Datasheet
1Mb / 16P
300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
logo
Fitipower Integrated Te...
FP6166 FITIPOWER-FP6166 Datasheet
697Kb / 11P
600mA Low Noise High PSRR LDO with Shutdown
logo
Diodes Incorporated
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com