Electronic Components Datasheet Search
  English  ▼

X  

FP6146 Datasheet(PDF) 10 Page - Fitipower Integrated Technology Inc.

Part # FP6146
Description  300mA Low Noise High PSRR LDO with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6146 Datasheet(HTML) 10 Page - Fitipower Integrated Technology Inc.

Back Button FP6146 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6146 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6146 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6146 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6146 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6146 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6146 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FP6146 Datasheet HTML 13Page - Fitipower Integrated Technology Inc. FP6146 Datasheet HTML 14Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FP6146-2.1-APR-2014
FP6146
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
0
30
60
90
120
150
180
210
240
270
300
0
50
100
150
200
250
300
350
400
450
500
V
OUT
=
3.3V
C
IN
=
1uF
C
OUT
=
1uF
Tj=85
0C
Tj=25
0C
Tj=-40
0C
Loading Current(mA)
0
30
60
90
120
150
180
210
240
270
300
0
50
100
150
200
250
300
350
400
450
500
550
V
OUT=
2.8V
C
IN=
1uF
C
OUT=
1uF
Tj=85
0C
Tj=25
0C
Tj=-40
0C
Loading Current(mA)
Figure 22. VOUT=3.3V Dropout vs. Temperature
Figure 23. VOUT=2.8V Dropout vs. Temperature
1
10
100
1000
10000
100000
1000000
0
-20
-40
-60
-80
V
IN
=4V,V
OUT
=2.8V
C
OUT
=2.2uF,No Load
Frequency(Hz)
1
10
100
1000
10000
100000
1000000
0
-20
-40
-60
-80
VIN=4V,VOUT=1.8V
C
OUT
=2.2uF, No Load
Frequency(Hz)
Figure 24. Power Supply Rejection Ratio vs. Frequency
Figure 25. Power Supply Rejection Ratio vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com