Electronic Components Datasheet Search
  English  ▼

X  

FP6375 Datasheet(PDF) 11 Page - Fitipower Integrated Technology Inc.

Part # FP6375
Description  High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6375 Datasheet(HTML) 11 Page - Fitipower Integrated Technology Inc.

Back Button FP6375 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 13Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FP6375-1.0-JUL-2013
FP6375
85T
fitipower integrated technology lnc.
Application Information (Continued)
PPL ( S )
F SC L
1
S
PPL ( SL)
SL
L
SL
PPL (C)
F
SC2
L C
1
Where FOSC is the switching frequency, L is the
inductance value, VIN is the input voltage, ESR is the
equivalent series resistance value of the output
capacitor, ESL is the equivalent series inductance
value of the output capacitor and the COUT is the
output capacitor.
Low ESR capacitors are preferred to use.
Ceramic,
tantalum or low ESR electrolytic capacitors can be
used depending on the output ripple requirements.
When using the ceramic capacitors, the ESL
component is usually negligible.
It is important to use the proper method to eliminate
high frequency noise when measuring the output
ripple.
The figure shows how to locate the probe
across the capacitor when measuring output ripple.
Remove the scope probe plastic jacket in order to
expose the ground at the tip of the probe.
It gives a
very short connection from the probe ground to the
capacitor and eliminates noise.
Inductor Selection
The output inductor is used for storing energy and
filtering output ripple current.
But the trade-off
condition often happens between maximum energy
storage and the physical size of the inductor.
The
first consideration for selecting the output inductor is
to make sure that the inductance is large enough to
keep the converter in the continuous current mode.
That will lower ripple current and result in lower
output
ripple
voltage.
The
Δ
L
is
inductor
peak-to-peak ripple current:
L
F SC L
1
The following diagram is an example to graphically
represent
Δ
L equation.
VOUT=1.8V, FOSC=1MHz
A good compromise value between size and
efficiency is to set the peak-to-peak inductor ripple
current Δ
L
equal to 30% of the maximum load
current.
But setting the peak-to-peak inductor
ripple current Δ
L
between 20%~50% of
the
maximum load current is also acceptable.
Then
the inductance can be calculated with the following
equation:
L 0.
(MA )
L
F SC
L
To guarantee sufficient output current, peak inductor
current must be lower than the FP6375 high-side
MOSFET current limit.
The peak inductor current
is shown as below:
P A
(MA )
L
2
0
0.2
0.4
0.6
0.8
1
1.2
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
Ceramic Capacitor
VOUT
GND
Probe Ground
L=2.2
μH
L=1.2
μH
L=1.8
μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com