Electronic Components Datasheet Search
  English  ▼

X  

FP6375 Datasheet(PDF) 12 Page - Fitipower Integrated Technology Inc.

Part # FP6375
Description  High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6375 Datasheet(HTML) 12 Page - Fitipower Integrated Technology Inc.

Back Button FP6375 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 13Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
FP6375-1.0-JUL-2013
FP6375
85T
fitipower integrated technology lnc.
Application Information (Continued)
Feedforward Capacitor Selection
Internal compensation function allows users saving
time in design and saving cost by reducing the
number of external components.
The use of a
feedforward capacitor C3 in the feedback network is
recommended to improve transient response or
higher phase margin.
FP6375
VOUT
FB
R1
R2
C3
For optimizing the feedforward capacitor, knowing
the cross frequency is the first thing.
The cross
frequency (or the converter bandwidth) can be
determined by using a network analyzer.
When
getting the cross frequency with no feedforward
capacitor
identified,
the
value
of
feedforward
capacitor C3 can be calculated with the following
equation:
C
1
2
FC SS
1
1
1
1
1
2
Where FCROSS is the cross frequency.
To reduce transient ripple, the feedforward capacitor
value can be increased to push the cross frequency
to higher region.
Although this can improve
transient response, it also decreases phase margin
and causes more ringing.
In the other hand, if more
phase margin is desired, the feedforward capacitor
value can be decreased to push the cross frequency
to lower region.
In general, the feedforward
capacitor range is between 10pF to 330pF.
PCB Layout Recommendation
he device’s performance and stability
are
dramatically
affected
by
PCB
layout.
It
is
recommended to follow these general guidelines
shown as below:
1.
Place the input capacitors and output capacitors
as close to the device as possible.
The traces
which connect to these capacitors should be as
short and wide as possible to minimize parasitic
inductance and resistance.
2.
Place feedback resistors close to the FB pin.
3.
Keep the sensitive signal (FB) away from the
switching signal (LX).
4.
Multi-layer PCB design is recommended.
GND
VOUT
VIN
2
1
3
5
4
EN
GND
LX
VIN
FB
C1
L1
C2
R2
Figure 19. Recommended Layout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com