Electronic Components Datasheet Search
  English  ▼

X  

FP6737 Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part # FP6737
Description  Built-In OVP White LED Step-Up Converter in Tiny Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6737 Datasheet(HTML) 7 Page - Fitipower Integrated Technology Inc.

Back Button FP6737 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FP6737/A-1.6-DEC-2011
FP6737/A
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
Figure 16. Operation Waveform
Figure 17. Operation Waveform
Figure 18. Operation Waveform
Figure 19. Operation Waveform
VIN (ch3), 2V/Div
VSW (ch2), 10V/Div
IL (ch4), 100mA/Div
ILED=20mA, L=10μ
4WLEDs, VIN=5.5V
VSW (ch1)
IL (ch4)
VFB (ch3)
VOUT (ch2)
VIN (ch3), 2V/Div
VO (ch1), 5V/Div
VSW (ch2), 10V/Div
IL (ch4),100mA/Div
4WLEDs, VIN=4.3V
ILED=20mA, L=10μ
VSW (ch1)
IL (ch4)
VFB (ch3)
VOUT (ch2)
Vo (ch1), 5V/Div
6WLEDs, VIN=3.6V
CIN=1µ, CO=0.22µ
ILED=20mA, L=22H
6WLEDs, VIN=3.6V
CIN=1µ, CO=0.22µ
ILED=20mA, L=22H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com