Electronic Components Datasheet Search
  English  ▼

X  

FP6737 Datasheet(PDF) 8 Page - Fitipower Integrated Technology Inc.

Part # FP6737
Description  Built-In OVP White LED Step-Up Converter in Tiny Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6737 Datasheet(HTML) 8 Page - Fitipower Integrated Technology Inc.

Back Button FP6737 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 12Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FP6737/A-1.6-DEC-2011
FP6737/A
85T
fitipower integrated technology lnc.
Application Information
Inductor Selection
A 10
μ inductor is recommended for most FP6737/A
applications.
Although
small
size
and
high
efficiency are major concerns, the inductor should
have low core losses at 1.2MHz and low DCR
(copper wire resistance).
Capacitor Selection
The small size of ceramic capacitors makes them
ideal for FP6737/A applications.
X5R and X7R
types are recommended because they retain their
capacitance over wider voltage and temperature
ranges better than other types such as Y5V or Z5U.
A 1μF input capacitor and a 0.47μF output capacitor
are sufficient for most FP6737/A applications.
Diode Selection
The Schottky diodes, with their low forward voltage
drop and fast reverse recovery, are the ideal choices
for FP6737/A applications.
The forward voltage
drop of a Schottky diode represents the conduction
losses in the diode while the diode capacitance (CT
or CD) represents the switching losses.
For diode
selection, both forward voltage drop and diode
capacitance need to be considered.
Schottky
diodes with higher current ratings usually have lower
forward voltage drop and larger diode capacitance,
which can cause significant switching losses at the
1MHz switching frequency of the FP6737/A.
A
Schottky diode rated at 100mA to 400mA is sufficient
for most FP6737/A applications.
LED Current Control
The LED current is controlled by the feedback
resistor (R1 in Figure 20).
The FP6737 feedback
reference is 250mV and the FP6737A feedback
reference is 104mV.
The LED current is VFB/R1.
In order to have accurate LED current, precision
resistors are preferred (1% is recommended).
The
formula and table for R1 selection are shown as
below.
Version
Feedback Reference
Voltage VFB(V)
LED Current
Setting ILED(A)
FP6737
0.25
0.25/R1
FP6737A
0.104
0.104/R1
Table 1. R1 Resistor Value Selection
Over Voltage Protection
The FP6737/A has an internal open-lamp protection
circuit.
In the cases of output open circuit, when
the LEDs are disconnected from the circuit or the
LEDs fail open circuit, the over-voltage function will
monitor the output voltage through SW pin to
protect the converter against.
The LED strings
open
will cause N-MOS to switch with a maximum
duty cycle and come out output over-voltage.
This
may cause the SW voltage exceeds its maximum
rating then damages built-in N-MOS.
In the state,
the OVP protection circuitry will be triggered if
output voltage exceeds 25V (min.).
The FP6737/A
will then stop switching.
The FP6737/A will
automatically recover normal operation until SW is
under 24V (1V hysteresis).
FP6737/A
VIN
SW
SHDN
GND
FB
COUT
0.22uF
R1
10
Ω
L
4.7
μH
D
VIN
CIN
1uF
PGND
OVP
Figure 20. LED Driver with Open-Circuit Protection
Dimming Control
The LED current can be modulated by a DC
voltage, PWM signal or a filtered PWM signal.
(1) Using a PWM Signal
With the PWM signal applied to the
pin, the
FP6737/A is turned on or off by the PWM signal.
The LEDs operate at either zero or full current.
The average LED current increases proportionally
with the duty cycle of the PWM signal.
A 0% duty
cycle will turn off the FP6737/A and corresponds to
zero LED current.
A 100% duty cycle corresponds
to full current.
The typical frequency range of the
PWM signal is 200Hz to 5kHz.
The magnitude of
the PWM signal should be higher than the minimum
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com