Electronic Components Datasheet Search
  English  ▼

X  

OB2263MP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OB2263MP
Description  Current Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OB2263MP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OB2263MP Datasheet HTML 1Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 2Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 3Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 4Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 5Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 6Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 7Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 8Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
©On-Bright Electronics
- 1 -
OB_DOC_DS_63B5
OB2263
Current Mode PWM Controller
Frequency Shuffling
GENERAL DESCRIPTION
OB2263 is a highly integrated current mode PWM
control IC optimized for high performance, low
standby power and cost effective offline flyback
converter applications in sub 30W range.
PWM switching frequency at normal operation is
externally programmable and trimmed to tight range.
At no load or light load condition, the IC operates in
extended ‘burst mode’ to minimize switching loss.
Lower standby power and higher conversion
efficiency is thus achieved.
VDD low startup current and low operating current
contribute to a reliable power on startup design with
OB2263. A large value resistor could thus be used in
the startup circuit to minimize the standby power.
The internal slope compensation improves system
large signal stability and reduces the possible sub-
harmonic oscillation at high PWM duty cycle output.
Leading-edge blanking on current sense(CS) input
removes the signal glitch due to snubber circuit diode
reverse recovery and thus greatly reduces the external
component count and system cost in the design.
OB2263 offers complete protection coverage with
automatic self-recovery feature including Cycle-by-
Cycle current limiting (OCP), over load protection
(OLP), VDD over voltage clamp and under voltage
lockout (UVLO). The Gate-drive output is clamped
to maximum 18V to protect the power MOSFET.
Excellent EMI performance is achieved with On-
Bright proprietary frequency shuffling technique
together with soft switching control at the totem pole
gate drive output.
Tone energy at below 20KHZ is minimized in the
design and audio noise is eliminated during operation.
OB2263 is offered in SOT23-6, SOP-8 and DIP-8
packages.
FEATURES
■
On-Bright
Proprietary
Frequency
Shuffling
Technology for Improved EMI Performance.
■
Extended Burst Mode Control For Improved
Efficiency and Minimum Standby Power Design
■
Audio Noise Free Operation
■
External
Programmable
PWM
Switching
Frequency
■
Internal Synchronized Slope Compensation
■
Low VDD Startup Current and Low Operating
Current (1.4mA)
■
Leading Edge Blanking on Current Sense Input
■
Good Protection Coverage With Auto Self-
Recovery
o
VDD Over Voltage Clamp and Under Voltage
Lockout with Hysteresis (UVLO)
o
Gate Output Maximum Voltage Clamp (18V)
o
On-Bright Proprietary Line Input Compensated
Cycle-by-Cycle Over-current Threshold Setting
For Constant Output Power Limiting Over
Universal Input Voltage Range.
o
Overload Protection (OLP)
APPLICATIONS
Offline AC/DC flyback converter for
■
Battery Charger
■
Power Adaptor
■
Set-Top Box Power Supplies
■
Open-frame SMPS
TYPICAL APPLICATION
Confidential to Micro Bridge


Similar Part No. - OB2263MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OB2262 ETC2-OB2262 Datasheet
402Kb / 13P
Current Mode PWM Controller
OB2262APA ETC2-OB2262APA Datasheet
402Kb / 13P
Current Mode PWM Controller
OB2262CPA ETC2-OB2262CPA Datasheet
402Kb / 13P
Current Mode PWM Controller
OB2262MPA ETC2-OB2262MPA Datasheet
402Kb / 13P
Current Mode PWM Controller
OB2268 ETC2-OB2268 Datasheet
359Kb / 1P
Current Mode PWM Controller
More results

Similar Description - OB2263MP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com