Electronic Components Datasheet Search
  English  ▼

X  

OB2263MP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OB2263MP
Description  Current Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OB2263MP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OB2263MP Datasheet HTML 1Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 2Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 3Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 4Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 5Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 6Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 7Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 8Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
©On-Bright Electronics
- 5 -
OB_DOC_DS_63B5
OB2263
Current Mode PWM Controller
Frequency Shuffling
ELECTRICAL CHARACTERISTICS
(TA = 25OC if not otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Supply Voltage (VDD)
I_VDD_Startup
VDD Start up
Current
VDD =12.5V, RI=100K
Measure Leakage current
into VDD
3
20
uA
I_VDD_Ops
Operation Current
VDD=16V,
RI=100Kohm, VFB=3V
1.4
mA
UVLO(ON)
VDD Under Voltage
Lockout Enter
7.8
8.8
9.8
V
UVLO(OFF)
VDD Under Voltage
Lockout Exit
(Recovery)
13
14
15
V
VDD_Clamp
VDD Zener Clamp
Voltage
IVDD = 5 mA
34
V
Feedback Input Section(FB Pin)
AVCS
PWM Input Gain
Δ
VFB /ΔVcs
2.0
V/V
VFB_Open
VFB Open Loop
Voltage
4.8
V
IFB_Short
FB pin short circuit
current
Short FB pin to GND and
measure current
1.2
mA
VTH_0D
Zero Duty Cycle FB
Threshold Voltage
VDD = 16V,
RI=100Kohm
0.75
V
VTH_PL
Power Limiting FB
Threshold Voltage
3.7
V
TD_PL
Power limiting
Debounce Time
35
mSec
ZFB_IN
Input Impedance
6
Kohm
DC_MAX
Maximum Duty
Cycle
VDD=18V,
RI=100Kohm, FB=3V,
CS=0
75
%
Current Sense Input(Sense Pin)
T_blanking
Leading edge
blanking time
RI = 100 Kohm
300
ns
ZSENSE_IN
Input Impedance
40
Kohm
TD_OC
Over Current
Detection and
Control Delay
VDD = 16V,
CS>VTH_OC, FB=3.3V
75
nSec
VTH_OC
Over Current
Threshold Voltage at
zero Duty Cycle
FB=3.3V, RI=100 Kohm
0.70
0.75
0.80
V
Oscillator
FOSC
Normal Oscillation
Frequency
RI = 100 Kohm
60
65
70
KHZ
∆f_Temp
Frequency
Temperature Stability
VDD = 16V,
RI=100Kohm, TA -20
oC
to 100 oC
5
%
∆f_VDD
Frequency Voltage
Stability
VDD = 12-25V,
RI=100Kohm
5
%
RI_range
Operating RI Range
50
100
150
Kohm
V_RI_open
RI open load voltage
2
V
Confidential to Micro Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com