Electronic Components Datasheet Search
  English  ▼

X  

FP6863 Datasheet(PDF) 6 Page - Fitipower Integrated Technology Inc.

Part # FP6863
Description  Slew Rate Limited Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6863 Datasheet(HTML) 6 Page - Fitipower Integrated Technology Inc.

Back Button FP6863 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 10Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FP6863-1.2-FEB-2012
FP6863
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VIN (V)
VIH
VIL
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
Temperature (DEG_C)
Figure 10. VEN Threshold vs. Input Voltage
Figure 11. OFF Supply Current vs. Temperature
VIN=5V, VEN=0V
CIN=10µF
COUT=10µF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com