Electronic Components Datasheet Search
  English  ▼

X  

FP6863 Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part # FP6863
Description  Slew Rate Limited Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6863 Datasheet(HTML) 7 Page - Fitipower Integrated Technology Inc.

Back Button FP6863 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 10Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FP6863-1.2-FEB-2012
FP6863
85T
fitipower integrated technology lnc.
Functional Description
The FP6863 is a single, current-limited switch
designed for high-side load-switching applications.
It has one switch with enable control input.
The
switch has a moderate turn on slew rate feature,
which reduces inrush current when the MOSFET is
turned on.
The FP6863 operates from 2.0V to 5.5V input
voltage range and guarantees a minimum 1.5A
output current.
Independent current limit and
thermal shutdown circuit permit the switch to operate
independently and improve system robustness.
Input and Output
VIN is the power source connection to the internal
circuitry and the drain of the MOSFET.
VOUT is the
source of the MOSFET.
In normal application,
current flows through the switch from VIN to VOUT
toward the load.
If VOUT is greater than VIN,
current will flow from VOUT to VIN and cause the
MOSFET bidirectional.
There is no parasitic body
diode between drain and source of the MOSFET.
The FP6863 will prevent reverse current flow if
VOUT externally forced a higher voltage than VIN
when the device is disabled (VEN < 0.8V).
FP6863
Normal MOSFET
Under Voltage Lockout
Under voltage-lockout (UVLO) circuit prevents the
output switch from turning on until input voltage
exceeds approximately 1.8V.
Chip Enable Input
The switch will be disabled when the EN pin is
under logic low condition.
During this condition,
the internal circuitry and MOSFET will be turned off,
and reduce the supply current to 0.1
μA typical.
The maximum guaranteed voltage for logic low at
the EN pin is 0.8V.
A 2V minimum guaranteed
voltage at the EN pin will turn the FP6863 on.
Floating the EN input may cause unpredictable
operation.
Current Limiting and Short-Circuit Protection
The current limit circuitry prevents damage to the
MOSFET switch and the hub downstream port but
can deliver load current up to the current limit
threshold of minimum 1.5A through the switch of
FP6863.
When a heavy load or short circuit is
applied and a large transient current exceeds the
current limit threshold, the FP6863 will enter short
circuit protection to fold back the output current to
1.35A in typical until the fault is removed.
Shutdown Output Discharge
The FP6863 has a shutdown output discharge
circuit to rapidly turn off the output load when the
switch is disabled through the EN pin.
Thermal Shutdown
Thermal shutdown is employed to protect the device
from damage when the die temperature exceed safe
margins mainly due to short-circuit or current-limit.
Thermal shutdown function will shut off the switch if
the die temperature reaches 130ºC.
The power
switch will auto-recover when the IC is cooling
down.
The thermal hysteresis temperature is
about 20ºC.
G
D
S
G
D
S



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com