Electronic Components Datasheet Search
  English  ▼

X  

EMD06N60CS Datasheet(PDF) 5 Page - Excelliance MOS Corp.

Part # EMD06N60CS
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMD06N60CS Datasheet(HTML) 5 Page - Excelliance MOS Corp.

  EMD06N60CS Datasheet HTML 1Page - Excelliance MOS Corp. EMD06N60CS Datasheet HTML 2Page - Excelliance MOS Corp. EMD06N60CS Datasheet HTML 3Page - Excelliance MOS Corp. EMD06N60CS Datasheet HTML 4Page - Excelliance MOS Corp. EMD06N60CS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
 
2013/10/22 
p.5 
EMD06N60CS
‐1
t  ,Time (sec)
Transient Thermal Response Curve
10
0.001
‐4
0.01
0.02
10
‐3
10
‐2
10
Single Pulse
0.01
Duty Cycle = 0.5
0.1
0.1
0.05
0.2
1
P
θ
JA
4.R    (t)=r(t) + R
3.T  ‐  T   = P * R     (t)
θ
JA
2.R     = 62.5°C/W
1.Duty Cycle,D =
DM
1
1
10
J
1000
100
t1
t2
θ
JA
θ
JA
A
t2
t1
Notes:
DC
V    ‐ Drain‐Source Voltage( V )
Maximum Safe Operating Area
  V   = 10V
Single Pulse
R    = 62.5°C/W
  T   = 25°C
1
0.01
0.1
DS
10
JA
A
GS
R         Limit
1
10
100
DS(ON)
10s
100
1000
100μs
10ms
100ms
1s
1ms
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
06
1 2
18
0
3
6
9
12
15
18
Q g , G at e C h ar ge ( nC )
I D =3 A
V DS =1 5 0 V
300 V
G a t e C har ge C h ar ac t e r i s t i c s
3
9
15
21
Ca pa c i t a nc e   C h ar ac t e r i s t i c s
V GS =0   V
V DS  ‐ Dr a i n ‐ So u r c e   Vo l t a g e (   V   )
0
5
1 0
15
2 0
25
30
10
10
2
10
3
Cr s s
Co s s
Ci s s
f   =   1   MH z



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com